Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 49 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 49 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 45Page - PADAUK Technology. MCS11 Datasheet HTML 46Page - PADAUK Technology. MCS11 Datasheet HTML 47Page - PADAUK Technology. MCS11 Datasheet HTML 48Page - PADAUK Technology. MCS11 Datasheet HTML 49Page - PADAUK Technology. MCS11 Datasheet HTML 50Page - PADAUK Technology. MCS11 Datasheet HTML 51Page - PADAUK Technology. MCS11 Datasheet HTML 52Page - PADAUK Technology. MCS11 Datasheet HTML 53Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 49 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-16. Analog-to-Digital Conversion (ADC) module
Fig. 5-16-1 ADC Block Diagram
The MCS11 provides one 10-bit resolution analog-to-digital conversion module with 10 external channels and
one channel for internal 1.20 volt band-gap reference voltage; it allows the conversion of an analog input
signal to a corresponding maximum 10-bit digital number, its block diagram is shown as Fig. 5-16-1. For the
conversion process, analog signal will be sampled and held first, then sending into the converter to generate
the result via successive approximation. The analog reference high voltage of ADC is the positive supply
voltage (VDD) and the reference low is always the GND. Higher than 1uF capacitor is recommended to be
placed between VDD and GND to have better AD conversion result.
V
IN
signal for conversion
A/D
Converter
adcc [5:2]
PB7/AD7
PB5/AD5
PB4/AD4
PB3/AD3
PB2/AD2
PB1/AD1
PB0/AD0
0111
0110
0101
0100
0011
0010
0001
0000
PA4/AD9
PA3/AD8
1001
1000
1.20 Volt
band-gap
voltage
generator
1111
PB6/AD6
Scalar
and
MUX
system clock
ADCCLK
adcm[3:0]
(adcrh[7:0],adcrl[7:6]) for 10-bit resolution
{adcrh[7:0],adcrl[7]} for 9-bit resolution
{adcrh[7:0]} for 8-bit resolution
V
IN
signal for conversion
A/D
Converter
adcc [5:2]
PB7/AD7
PB5/AD5
PB4/AD4
PB3/AD3
PB2/AD2
PB1/AD1
PB0/AD0
0111
0110
0101
0100
0011
0010
0001
0000
0111
0110
0101
0100
0011
0010
0001
0000
PA4/AD9
PA3/AD8
1001
1000
1.20 Volt
band-gap
voltage
generator
1111
PB6/AD6
Scalar
and
MUX
system clock
ADCCLK
adcm[3:0]
(adcrh[7:0],adcrl[7:6]) for 10-bit resolution
{adcrh[7:0],adcrl[7]} for 9-bit resolution
{adcrh[7:0]} for 8-bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com