Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 24 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 24 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 20Page - PADAUK Technology. MCS11 Datasheet HTML 21Page - PADAUK Technology. MCS11 Datasheet HTML 22Page - PADAUK Technology. MCS11 Datasheet HTML 23Page - PADAUK Technology. MCS11 Datasheet HTML 24Page - PADAUK Technology. MCS11 Datasheet HTML 25Page - PADAUK Technology. MCS11 Datasheet HTML 26Page - PADAUK Technology. MCS11 Datasheet HTML 27Page - PADAUK Technology. MCS11 Datasheet HTML 28Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 24 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-1-1. Program Counter
Program Counter (PC) is the unit that contains the address of an instruction to be executed next. The
program counter is automatically incremented at each instruction cycle so that instructions are retrieved
sequentially from the program memory. Certain instructions, such as branches and subroutine calls, interrupt
the sequence by placing a new value in the program counter. The bit length of the program counter is 12 for
MCS11. The program counter of FPP0 is 0 after hardware reset, 1 for FPP1, 2 for FPP2, 3 for FPP3, 4 for
FPP4, 5 for FPP5, 6 for FPP6 and 7 for FPP7. Whenever interrupt event happens, only FPP0 will be
informed and its program counter will jump to ’h10 for interrupt service routine. All the FPP units have its own
program counter to control the program execution sequence.
5-1-2. Stack Pointer
The stack pointer in each processing unit is used to point the top of the stack area where the local variables
and parameters to subroutines are stored; the stack pointer register (sp) is located in IO address 0x02h. The
bit number of stack pointer is 8 bit and data memory is 208 bytes; therefore, the stack memory should be
defined within 208 bytes from 0x00h address. The stack memory of MCS11 for each FPP unit can be
assigned by user via stack pointer register, means that the depth of stack pointer for each FPP unit is
adjustable in order to optimize system performance. The following example shows how to define the stack in
the ASM (assembly language) project:
﹒ROMADR
0
GOTO
FPPA0
GOTO
FPPA1
...
﹒RAMADR
0
// Address must be less than 0x100
WORD
Stack0 [1]
// one WORD
WORD
Stack1 [2]
// two WORD
...
FPPA0:
SP
=
Stack0;
// assign Stack0 for FPPA0,
// one level call because of Stack0[1]
...
call
function1
...
FPPA1:
SP
=
Stack1;
// assign Stack1 for FPPA1,
// two level call because of Stack1[2]
...
call
function2
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com