Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 74 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 74 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 70Page - PADAUK Technology. MCS11 Datasheet HTML 71Page - PADAUK Technology. MCS11 Datasheet HTML 72Page - PADAUK Technology. MCS11 Datasheet HTML 73Page - PADAUK Technology. MCS11 Datasheet HTML 74Page - PADAUK Technology. MCS11 Datasheet HTML 75Page - PADAUK Technology. MCS11 Datasheet HTML 76Page - PADAUK Technology. MCS11 Datasheet HTML 77Page - PADAUK Technology. MCS11 Datasheet HTML 78Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 74 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
6-29. Timer2 Scalar Register (tm2s), IO address = 0x37
Bit
Reset
R/W
Description
7
-
-
Reserved.
6 – 5
00
WO
Timer2 clock pre-scalar.
00 : /1
01 : /4
10 : /16
11 : /64
4 – 0
00000
WO
Timer2 clock scalar.
6-30. Timer2 Bound Register (tm2b), IO address = 0x09
Bit
Reset
R/W
Description
7 – 0
0x00
WO
Timer2 bound register.
6-31. Hall Comparator Control Register (hcc), IO address = 0x2a
Bit
Reset
R/W
Description
7
0
R/W
Enable Hall comparator.
0 / 1 : disable / enable
When this bit is set to enable, please also set the corresponding analog input pins to be
digital disable to prevent IO leakage.
6
-
RO
Comparison result of Hall comparator 1 (HC_1), output: HC_Out1.
5
-
RO
Comparison result of Hall comparator 2 (HC_2), output HC_Out2.
4
-
RO
HC_Out
3
-
-
Reversed
2 – 0
0
R/W
Output to PA5 and interrupt source of the hall comparator
0x00: None output to PA5, interrupt source = HC_Out1
0x01: None output to PA5, interrupt source = HC_Out2
0x02: None output to PA5, interrupt source = HC_Out
0x03: HC_Out1 to PA5, interrupt source = HC_Out1
0x04: HC_Out2 to PA5, interrupt source = HC_Out2
0x05: HC_Out to PA5, interrupt source = HC_Out
Others: reversed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com