Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 67 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 67 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 63Page - PADAUK Technology. MCS11 Datasheet HTML 64Page - PADAUK Technology. MCS11 Datasheet HTML 65Page - PADAUK Technology. MCS11 Datasheet HTML 66Page - PADAUK Technology. MCS11 Datasheet HTML 67Page - PADAUK Technology. MCS11 Datasheet HTML 68Page - PADAUK Technology. MCS11 Datasheet HTML 69Page - PADAUK Technology. MCS11 Datasheet HTML 70Page - PADAUK Technology. MCS11 Datasheet HTML 71Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 67 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
6-8. Timer16 mode Register (t16m), IO address = 0x06
Bit
Reset
R/W
Description
7 - 5
000
R/W
Timer Clock source selection.
000: Timer16 is disabled.
001: CLK (system clock)
010: reserved
011: PA4
100: IHRC
101: EOSC
110: ILRC
111: PA0
Others: Timer16 is disabled.
4 – 3
00
R/W
rop.2=0
Timer16 clock pre-divider. 00: /1
01: /4
10: /16
11: /64
rop.2=1
Timer16 clock pre-divider. 00: /2
01: /8
10: /32
11: /128
2 – 0
000
R/W
Interrupt source selection. Interrupt event happens when selected bit goes high.
0 : bit 8 of Timer16
1 : bit 9 of Timer16
2 : bit 10 of Timer16
3 : bit 11 of Timer16
4 : bit 12 of Timer16
5 : bit 13 of Timer16
6 : bit 14 of Timer16
7 : bit 15 of Timer16
Where, rop is the 0x3e register optional register.
6-9. General Data register for IO (gdio), IO address = 0x07
Bit
Reset
R/W
Description
7 – 0
00
R/W
General data for IO. This port is the general data buffer in IO space and cleared when
POR or LVD, and it will KEEP the old values when reset from watch-dog timeout. It can
perform the IO operation, like wait0 gdio.x, wait1 gdio.x and tog gdio.x to replace of
operations which instructions are supported in memory space (ex: wait1 mem; wait0
mem; tog mem).
6-10. Multiplier Operand Register (mulop), IO address = 0x08
Bit
Reset
R/W
Description
7 – 0
-
R/W
Operand for hardware multiplication operation.
6-11. Multiplier Result High Byte Register (mulrh), IO address = 0x09
Bit
Reset
R/W
Description
7 – 0
-
RO
High byte result of multiplication operation (read only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com