Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 36 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 36 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 32Page - PADAUK Technology. MCS11 Datasheet HTML 33Page - PADAUK Technology. MCS11 Datasheet HTML 34Page - PADAUK Technology. MCS11 Datasheet HTML 35Page - PADAUK Technology. MCS11 Datasheet HTML 36Page - PADAUK Technology. MCS11 Datasheet HTML 37Page - PADAUK Technology. MCS11 Datasheet HTML 38Page - PADAUK Technology. MCS11 Datasheet HTML 39Page - PADAUK Technology. MCS11 Datasheet HTML 40Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 36 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-7-5. System Clock and LVR (Low Voltage Reset) level
The system clock of MCS11 can come from EOSC, IHRC or ILRC, the hardware diagram for system clock in
the MCS11 is shown as Fig. 5-7-2. MCS11 can provide the wide range system clock via clkmd register
selection. After power up, the running system clock will be ILRC/1, user can change the system clock any
time by setting clkmd register and the new system clock will be changed into the new one immediately after
writing the clkmd register.
Fig. 5-7-2 Options of System Clock
User can choose different operating system clock depends on its requirement; the selected operating system
clock should be in conjunction with supply voltage and LVR level to ensure system stable. The LVR level can
be selected during compilation, the following operating frequency and LVR level is recommended:
 system clock = 8MHz with LVR=3.5V
 system clock = 4MHz with LVR=2.5V
 system clock = 2MHz with LVR=2.2V
M
U
X
clkmd[7:5]
System
clock
CLK
÷2, ÷4, ÷8,
÷16, ÷32, ÷64
÷1, ÷2, ÷4, ÷8
÷1 (default), ÷4
IHRC
clock
ILRC
clock
EOSC
clock
M
U
X
clkmd[7:5]
System
clock
CLK
÷2, ÷4, ÷8,
÷16, ÷32, ÷64
÷1, ÷2, ÷4, ÷8
÷1 (default), ÷4
IHRC
clock
ILRC
clock
EOSC
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com