Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 12 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 12 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 8Page - PADAUK Technology. MCS11 Datasheet HTML 9Page - PADAUK Technology. MCS11 Datasheet HTML 10Page - PADAUK Technology. MCS11 Datasheet HTML 11Page - PADAUK Technology. MCS11 Datasheet HTML 12Page - PADAUK Technology. MCS11 Datasheet HTML 13Page - PADAUK Technology. MCS11 Datasheet HTML 14Page - PADAUK Technology. MCS11 Datasheet HTML 15Page - PADAUK Technology. MCS11 Datasheet HTML 16Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 12 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
4. Device Characteristics
4-1. AC/DC Device Characteristics
Symbol
Description
Min
Typ
Max
Unit
Conditions (Ta=25℃)
VDD
Operating Voltage
3.3
5.0
5.5
V
For Servo application
-40
oC <Ta<85 oC
VFSV
Forbidden VDD Startup voltage
Range*
0.7
1.6
V
VPDRV
VDD power down release voltage
0.7
V
TPOR
VDD power on time
(VDD from 0V to 5V)
50
ms
TFSV
VDD power on time during VFSV
range
10
ms
fSYS
System clock
IHRC
IHRC & crystal oscillator
IHRC & crystal oscillator
Internal low RC oscillator
0
0
0
24K
8M
4M
2M
Hz
VDD ≧ 3.3V
VDD ≧ 2.5V
VDD≧ 2.2V
VDD=5.0V
IOP
Operating Current
1.7
8
mA
uA
fSYS=1MIPS@5.0V
fSYS=ILRC=12KHz@3.3V
IPD
Power Down Current
(by stopsys command)
0.7
0.4
uA
uA
fSYS= 0Hz,VDD=5.0V
fSYS= 0Hz,VDD=3.3V
IPS
Power Save Current
(by stopexe command)
0.4
mA
VDD=5.0V;
Band-gap, LVD, IHRC, ILRC,
Timer16 modules are ON.
VIL
Input low voltage for IO lines
0
0.2VDD
V
VIH
Input high voltage for IO lines
0.8 VDD
VDD
V
IOL
IO lines sink current
7
10
13
mA
VDD=5.0V, VOL=0.5V
IOH
IO lines drive current
-5
-7
-9
mA
VDD=5.0V, VOH=4.5V
RPH
Pull-high Resistance
62
100
210
KΩ
VDD=5.0V
VDD=3.3V
VDD=2.2V
VLVR
Low Voltage Reset*
3.82
3.31
2.8
2.57
2.34
4.15
3.60
3.05
2.80
2.55
4.48
3.89
3.29
3.02
2.75
V
VPOR
Power-On Reset Voltage
1.8
2
2.2
V
Ta=25
oC
VBG
Band-gap Reference Voltage
(before calibration)
1.12
1.20
1.28
V
VDD=5V, 25
oC
Band-gap Reference Voltage *
(after calibration)
1.17*
1.20*
1.23*
VDD=2.2V ~ 5.5V,
-40
oC <Ta<105oC*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com