Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 31 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 31 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 27Page - PADAUK Technology. MCS11 Datasheet HTML 28Page - PADAUK Technology. MCS11 Datasheet HTML 29Page - PADAUK Technology. MCS11 Datasheet HTML 30Page - PADAUK Technology. MCS11 Datasheet HTML 31Page - PADAUK Technology. MCS11 Datasheet HTML 32Page - PADAUK Technology. MCS11 Datasheet HTML 33Page - PADAUK Technology. MCS11 Datasheet HTML 34Page - PADAUK Technology. MCS11 Datasheet HTML 35Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 31 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-6. Arithmetic and Logic Unit
Arithmetic and Logic Unit (ALU) is the computation element to operate integer arithmetic, logic, shift and other
specialized operations. The operation data can be from instruction, accumulator or SRAM data memory.
Computation result could be written into accumulator or SRAM. All the FPP units share the ALU for its
corresponding operation.
5-7. Oscillator and clock
There are three oscillator circuits provided by MCS11: external crystal oscillator (EOSC), internal high RC
oscillator (IHRC) and internal low RC oscillator (ILRC), and these three oscillators are enabled or disabled by
registers eoscr.7, clkmd.4 and clkmd.2 independently. User can choose one of these three oscillators as
system clock source and use clkmd register to target the desired frequency as system clock to meet different
application.
Oscillator Module
Enable/Disable
Default after boot-up
EOSC
eoscr.7
Disabled
IHRC
clkmd.4
Enabled
ILRC
clkmd.2
Enabled
5-7-1. Internal High RC oscillator and Internal Low RC oscillator
After boot-up, the IHRC and ILRC oscillators are enabled. The frequency of IHRC can be calibrated to
eliminate process variation by ihrcr register; normally it is calibrated to 16MHz. The frequency deviation can
be within 1% normally after calibration and it still drifts slightly with supply voltage and operating temperature,
the total drift rate is about ±4% for VDD=3.5V~5.5V and -40
oC~85oC operating conditions. Please refer to
the measurement chart for IHRC frequency verse VDD and IHRC frequency verse temperature.
The frequency of ILRC is around 24 KHz, however, its frequency will vary by process, supply voltage and
temperature, please refer to DC specification and do not use for accurate timing application.
5-7-2. Chip calibration
The IHRC frequency and band-gap reference voltage may be different chip by chip due to manufacturing
variation, MCS11 provide both the IHRC frequency calibration and band-gap calibration to eliminate this
variation, and this function can be selected when compiling user’s program and the command will be
inserted into user’s program automatically. The calibration command is shown as below:
.ADJUST_IC
SYSCLK=IHRC/(p1), IHRC=(p2)MHz, VDD=(p3)V, Band-gap=(p4);
Where,
p1=2, 4, 8, 16, 32; In order to provide different system clock.
p2=16 ~ 18; In order to calibrate the chip to different frequency, 16MHz is the usually one.
p3=2.2 ~ 5.5; In order to calibrate the chip under different supply voltage.
p4= On or Off; Band-gap calibration is On or Off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com