Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 59 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 59 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 55Page - PADAUK Technology. MCS11 Datasheet HTML 56Page - PADAUK Technology. MCS11 Datasheet HTML 57Page - PADAUK Technology. MCS11 Datasheet HTML 58Page - PADAUK Technology. MCS11 Datasheet HTML 59Page - PADAUK Technology. MCS11 Datasheet HTML 60Page - PADAUK Technology. MCS11 Datasheet HTML 61Page - PADAUK Technology. MCS11 Datasheet HTML 62Page - PADAUK Technology. MCS11 Datasheet HTML 63Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 59 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-21-2. Analog Inputs
A simplified circuit for the analog inputs is shown in the Fig. 5-21-2. All the analog input pins for general
purpose comparator are shared function with a digital input which had reverse biased ESD protection
diodes to VDD and GND, therefore, the analog input signal must be between VDD and GND.
VAI
RS<10K
VDD
RIC~1K
↓
ILeakage
~ ±400nA
VT ~ 0.7V
VT ~ 0.7v
Analog Input Pad
To
Comparator
Input
Where:
VAI: Voltage of Analog Input
RS: Source Impedance
CPIN: Pin Input Capacitance
RIC: Interconnect Resistance
ILeakage: Leakage Current at Pin
VT: Threshold Voltage
CPIN
~ 4pF
Fig. 5-21-2 Analog Input Model of General Purpose Comparator
5-21-3. Internal reference voltage (Vinternal R)
The internal reference voltage Vinternal R is built by series resistance to provide different level of reference
voltage, bit 4 and bit 5 of gpcs register are used to select the maximum and minimum values of Vinternal R
and bit [3:0] of gpcs register are used to select one of the voltage level which is deivided-by-16 from the
defined maximum level to minimum level. Fig. 5-21-3 to Fig. 5-21-6 shows four conditions to have
different reference voltage Vinternal R. By setting the gpcs register, the internal reference voltage Vinternal R
can be ranged from (1/32)*VDD to (3/4)*VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com