Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 76 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 76 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 72Page - PADAUK Technology. MCS11 Datasheet HTML 73Page - PADAUK Technology. MCS11 Datasheet HTML 74Page - PADAUK Technology. MCS11 Datasheet HTML 75Page - PADAUK Technology. MCS11 Datasheet HTML 76Page - PADAUK Technology. MCS11 Datasheet HTML 77Page - PADAUK Technology. MCS11 Datasheet HTML 78Page - PADAUK Technology. MCS11 Datasheet HTML 79Page - PADAUK Technology. MCS11 Datasheet HTML 80Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 76 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
6-35 PWM Generator Scalar Register (pwms), IO address = 0x31
Bit
Reset
R/W
Description
7
0
R/W
PWM interrupt mode.
0: Generate interrupt when counter is 0.
1: Generate interrupt when counter matches the duty value
6 – 5
0
R/W
PWM generator clock pre-scalar.
00 : /1
01 : /4
10 : /16
11 : /64
4 – 0
0
R/W
PWM generator clock divider.
6-36 PWM Counter Upper Bound High Register (pwmcubh), IO address = 0x1a
Bit
Reset
R/W
Description
7 - 0
8’h00
WO
Bit[10:3] of PWM counter upper bound.
6-37 PWM Counter Upper Bound Low Register (pwmcubl), IO address = 0x1b
Bit
Reset
R/W
Description
7 – 5
000
WO
Bit[2:0] of PWM counter upper bound.
4 – 0
-
-
Reserved
6-38 PWM Duty Value High Register (pwmdth), IO address = 0x32
Bit
Reset
R/W
Description
7 - 0
8’h00
WO
Duty values bit[10:3] of PWM generator.
6-39 PWM Duty Value Low Register (pwmdtl), IO address = 0x33
Bit
Reset
R/W
Description
7 - 5
000
WO
Duty values bit[2:0] of PWM generator.
4 – 0
-
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com