Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 81 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 81 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 77Page - PADAUK Technology. MCS11 Datasheet HTML 78Page - PADAUK Technology. MCS11 Datasheet HTML 79Page - PADAUK Technology. MCS11 Datasheet HTML 80Page - PADAUK Technology. MCS11 Datasheet HTML 81Page - PADAUK Technology. MCS11 Datasheet HTML 82Page - PADAUK Technology. MCS11 Datasheet HTML 83Page - PADAUK Technology. MCS11 Datasheet HTML 84Page - PADAUK Technology. MCS11 Datasheet HTML 85Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 81 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
6-49 MISC Register (misc), IO address = 0x3b
Bit
Reset
R/W
Description
7
0
-
Reserved
6
0
WO
Enable extremely low current for 32KHz crystal oscillator AFTER oscillation.
0: Normal.
1: Low driving current for 32KHz crystal oscillator.
5
0
WO
Enable fast Wake-up. Fast wake-up is NOT supported when EOSC is enabled.
0: Normal wake-up.
The wake-up time is 1024 ILRC clocks
1: Fast wake-up. (for
The wake-up time is 128 CLKs (system clock) + oscillator stable time.
If wake-up from STOPEXE suspend, there is no oscillator stable time;
If wake-up from STOPSYS suspend, it will be IHRC or ILRC stable time from
power-on.
Please notice that the clock source will be switched to system clock
(for example: 4MHz) when fast wakeup is enabled, therefore,
it is recommended to turn off the watchdog timer before enabling the fast wakeup
and turn on the watchdog timer after disabling the fast wakeup.
4
-
-
Reserved.
3
0
WO
Recover time from LVD reset.
0: Normal. The system will take about 1024 ILRC clocks to boot up from LVD reset.
1: Fast. The system will take about 64 ILRC clocks to boot up from LVD reset.
2
0
WO
Disable LVD function.
0 / 1 : Enable / Disable
1 – 0
00
WO
Watch dog time out period
00: 2048 ILRC clock period
01: 4096 ILRC clock period
10: 16384 ILRC clock period
11:
256 ILRC clock period
6-50 FPPA Reset Register, IO address = 0x3f
Bit
Reset
R/W
Description
7
0
WO
Reset FPP7. This bit will be cleared automatically after resetting FPP7.
6
0
WO
Reset FPP6. This bit will be cleared automatically after resetting FPP6.
5
0
WO
Reset FPP5. This bit will be cleared automatically after resetting FPP5.
4
0
WO
Reset FPP4. This bit will be cleared automatically after resetting FPP4.
3
0
WO
Reset FPP3. This bit will be cleared automatically after resetting FPP3.
2
0
WO
Reset FPP2. This bit will be cleared automatically after resetting FPP2.
1
0
WO
Reset FPP1. This bit will be cleared automatically after resetting FPP1.
0
0
WO
Reset FPP0. This bit will be cleared automatically after resetting FPP0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com