Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 5 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 5 Page - PADAUK Technology.

  MCS11 Datasheet HTML 1Page - PADAUK Technology. MCS11 Datasheet HTML 2Page - PADAUK Technology. MCS11 Datasheet HTML 3Page - PADAUK Technology. MCS11 Datasheet HTML 4Page - PADAUK Technology. MCS11 Datasheet HTML 5Page - PADAUK Technology. MCS11 Datasheet HTML 6Page - PADAUK Technology. MCS11 Datasheet HTML 7Page - PADAUK Technology. MCS11 Datasheet HTML 8Page - PADAUK Technology. MCS11 Datasheet HTML 9Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 5 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
6-6. Interrupt Enable Register (inten), IO address = 0x04 ...........................................................66
6-7. Interrupt Request Register (intrq), IO address = 0x05 ..........................................................66
6-8. Timer16 mode Register (t16m), IO address = 0x06 .............................................................67
6-9. General Data register for IO (gdio), IO address = 0x07 ........................................................67
6-10. Multiplier Operand Register (mulop), IO address = 0x08....................................................67
6-11. Multiplier Result High Byte Register (mulrh), IO address = 0x09........................................67
6-12. External Oscillator setting Register (eoscr), IO address = 0x0a .........................................68
6-13. Internal High RC oscillator control Register (ihrcr), IO address = 0x0b...............................68
6-14. Interrupt Edge Select Register (integs), IO address = 0x0c................................................68
6-15. Port A Digital Input Enable Register (padier), IO address = 0x0d.......................................69
6-16. Port B Digital Input Enable Register (pbdier), IO address = 0x0e.......................................70
6-17. Port A Data Register (pa), IO address = 0x10....................................................................71
6-18. Port A Control Register (pac), IO address = 0x11 ..............................................................71
6-19. Port A Pull-High Register (paph), IO address = 0x12 .........................................................71
6-20. Port B Data Register (pb), IO address = 0x14....................................................................71
6-21. Port B Control Register (pbc), IO address = 0x15 ..............................................................71
6-22. Port B Pull-High Register (pbph), IO address = 0x16 .........................................................71
6-23. ADC Control Register (adcc), IO address = 0x20...............................................................72
6-24. ADC Mode Register (adcm), IO address = 0x21 ................................................................72
6-25. ADC Result High Register (adcrh), IO address = 0x22.......................................................73
6-26. ADC Result Low Register (adcrl), IO address = 0x23 ........................................................73
6-27. Timer2 Control Register (tm2c), IO address = 0x3c ...........................................................73
6-28. Timer2 Counter Register (tm2ct), IO address = 0x3d .........................................................73
6-29. Timer2 Scalar Register (tm2s), IO address = 0x37 ............................................................74
6-30. Timer2 Bound Register (tm2b), IO address = 0x09 ............................................................74
6-31. Hall Comparator Control Register (hcc), IO address = 0x2a ..............................................74
6-32. Hall Comparator 1 Adjust Register (HC1A), IO address = 0x2b .........................................75
6-33. Hall Comparator 2 Adjust Register (HC2A), IO address = 0x2c .........................................75
6-34 PWM Generator control Register (pwmc), IO address = 0x30.............................................75
6-35 PWM Generator Scalar Register (pwms), IO address = 0x31 .............................................76
6-36 PWM Counter Upper Bound High Register (pwmcubh), IO address = 0x1a........................76
6-37 PWM Counter Upper Bound Low Register (pwmcubl), IO address = 0x1b..........................76
6-38 PWM Duty Value High Register (pwmdth), IO address = 0x32............................................76
6-39 PWM Duty Value Low Register (pwmdtl), IO address = 0x33..............................................76
6-40 Pulse Capture Control Register (plscc), IO address = 0x34 ................................................77
6-41 Pulse Capture Scalar Register (plscs), IO address = 0x35..................................................77
6-42 Pulse Capture Result High Register (plsrh), IO address = 0x36..........................................77
6-43 Pulse Capture Result Low Register (plsrl), IO address = 0x37............................................78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com