Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 30 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 30 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 26Page - PADAUK Technology. MCS11 Datasheet HTML 27Page - PADAUK Technology. MCS11 Datasheet HTML 28Page - PADAUK Technology. MCS11 Datasheet HTML 29Page - PADAUK Technology. MCS11 Datasheet HTML 30Page - PADAUK Technology. MCS11 Datasheet HTML 31Page - PADAUK Technology. MCS11 Datasheet HTML 32Page - PADAUK Technology. MCS11 Datasheet HTML 33Page - PADAUK Technology. MCS11 Datasheet HTML 34Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 30 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-5. Data Memory -- SRAM
Fig. 5-5-1 shows the SRAM data memory organization of MCS11, all the SRAM data memory could be
accessed by every FPP unit directly with 1T clock cycle, the data access can be byte or bit operation. Besides
data storage, the SRAM data memory is also served as data pointer of indirect access method and the stack
memory for all FPP units.
The stack memory for each processing unit should be independent from each other, and defined in the data
memory. The stack pointer is defined in the stack pointer register of each processing unit; the depth of stack
memory of each processing unit is defined by the user. The arrangement of stack memory fully flexible and can
be dynamically adjusted by the user.
For indirect memory access mechanism, the data memory is used as the data pointer to address the data byte.
All the data memory could be the data pointer; it’s quite flexible and useful to do the indirect memory access.
All the 208 bytes data memory of MCS11 can be accessed by indirect access mechanism.
Fig. 5-5-1 Data Memory Organization
DATA
index
FPP0 stack
Address
000h
CFh
.
.
.
FPP1
FPP2
FPP3
FPP4
FPP5
FPP6
FPP7
FPP1 stack
FPP2 stack
FPP3 stack
FPP4 stack
FPP5 stack
FPP6 stack
FPP7 stack
DATA
FPP0
DATA
index
FPP0 stack
Address
000h
CFh
.
.
.
FPP1
FPP2
FPP3
FPP4
FPP5
FPP6
FPP7
FPP1 stack
FPP2 stack
FPP3 stack
FPP4 stack
FPP5 stack
FPP6 stack
FPP7 stack
DATA
FPP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com