Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 16 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 16 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 12Page - PADAUK Technology. MCS11 Datasheet HTML 13Page - PADAUK Technology. MCS11 Datasheet HTML 14Page - PADAUK Technology. MCS11 Datasheet HTML 15Page - PADAUK Technology. MCS11 Datasheet HTML 16Page - PADAUK Technology. MCS11 Datasheet HTML 17Page - PADAUK Technology. MCS11 Datasheet HTML 18Page - PADAUK Technology. MCS11 Datasheet HTML 19Page - PADAUK Technology. MCS11 Datasheet HTML 20Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 16 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
4-5. Typical Operating Current vs. VDD and CLK=IHRC/n
Conditions:
1-FPPA (code option)
ON: Band-gap, LVD, IHRC;
OFF: ILRC, EOSC, T16, TM2, ADC, PWM, Hall Comparator modules;
IO: PA0:0.5Hz output toggle and no loading, others: input and no floating
IHRC/n Operating Current vs. VDD
0
1
2
3
4
5
6
2
3
4
5
6
VDD (V)
IHRC/64
IHRC/32
IHRC/16
IHRC/8
IHRC/4
IHRC/2
4-6. Typical Operating Current vs. VDD and CLK=ILRC/n
Conditions:
1-FPPA (code option)
ON: ILRC;
OFF: Band-gap, LVD, IHRC, EOSC, T16, TM2, ADC, PWM, Hall Comparator modules;
IO: PA0:0.5Hz output toggle and no loading, others: input and no floating
ILRC/n Operating Current vs. VDD
0
5
10
15
20
25
30
35
40
2
3
4
5
6
VDD (V)
ILRC/1
ILRC/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com