Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 48 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 48 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 44Page - PADAUK Technology. MCS11 Datasheet HTML 45Page - PADAUK Technology. MCS11 Datasheet HTML 46Page - PADAUK Technology. MCS11 Datasheet HTML 47Page - PADAUK Technology. MCS11 Datasheet HTML 48Page - PADAUK Technology. MCS11 Datasheet HTML 49Page - PADAUK Technology. MCS11 Datasheet HTML 50Page - PADAUK Technology. MCS11 Datasheet HTML 51Page - PADAUK Technology. MCS11 Datasheet HTML 52Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 48 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-15. Hall Comparator
The hall comparator is built by hardware circuitry HC_1 and HC_2. PA4 is the plus input for both HC_1 and
HC_2, PA0, PA1 and PA2 are the minus input by option. The hall comparator output (HC_Out) is combined
by HC_Out1 and HC_Out2. HC_Out can be output to PA5 and internal used. The hall comparator adjust
registers (hc1a and hc2a ) are used to control the offset value of HC_1 and HC_2 in order to optimize the
system performance.
Fig. 5-15-1 The hardware diagram of Hall comparator
HC_1
HC_2
PA0
PA1
PA2
PA4
Band-gap 1.2V
HC_Out1
HC_Out2
0
1
A
M
U
X
+
-
+
-
A
M
U
X
00
10
01
11
Hall Comparator 1
Hall Comparator 2
hc1a.7
hc1a. [7:6]
M
U
X
M
U
X
hcc [2:0]
hcc [2:0]
PA5
Hall comparator
interrupt
HC_1
HC_2
PA0
PA1
PA2
PA0
PA1
PA2
PA4
Band-gap 1.2V
HC_Out1
HC_Out2
0
1
A
M
U
X
+
-
+
-
A
M
U
X
00
10
01
11
Hall Comparator 1
Hall Comparator 2
hc1a.7
hc1a. [7:6]
M
U
X
M
U
X
hcc [2:0]
hcc [2:0]
PA5
Hall comparator
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com