Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 33 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 33 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 29Page - PADAUK Technology. MCS11 Datasheet HTML 30Page - PADAUK Technology. MCS11 Datasheet HTML 31Page - PADAUK Technology. MCS11 Datasheet HTML 32Page - PADAUK Technology. MCS11 Datasheet HTML 33Page - PADAUK Technology. MCS11 Datasheet HTML 34Page - PADAUK Technology. MCS11 Datasheet HTML 35Page - PADAUK Technology. MCS11 Datasheet HTML 36Page - PADAUK Technology. MCS11 Datasheet HTML 37Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 33 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
(5) .ADJUST_IC
SYSCLK=IHRC/32, IHRC=16MHz, VDD=5V, Band-gap =Off
After boot, CLKMD = 0x7C:
IHRC frequency is calibrated to 16MHz@VDD=5V and IHRC module is enabled
System CLK = IHRC/32 = 500KHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode
(6) .ADJUST_IC
SYSCLK=ILRC, IHRC=16MHz, VDD=5V, Band-gap =Off
After boot, CLKMD = 0XE4:
IHRC frequency is calibrated to 16MHz@VDD=5V and IHRC module is disabled
System CLK = ILRC
Watchdog timer is enabled, ILRC is enabled, PA5 is input mode
(7) .ADJUST_IC
DISABLE
After boot, CLKMD is not changed (Do nothing):
IHRC is not calibrated and IHRC module is disabled
System CLK = ILRC
Watchdog timer is enabled, ILRC is enabled, PA5 is in input mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com