Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 14 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 14 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 10Page - PADAUK Technology. MCS11 Datasheet HTML 11Page - PADAUK Technology. MCS11 Datasheet HTML 12Page - PADAUK Technology. MCS11 Datasheet HTML 13Page - PADAUK Technology. MCS11 Datasheet HTML 14Page - PADAUK Technology. MCS11 Datasheet HTML 15Page - PADAUK Technology. MCS11 Datasheet HTML 16Page - PADAUK Technology. MCS11 Datasheet HTML 17Page - PADAUK Technology. MCS11 Datasheet HTML 18Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 14 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
Symbol
Description
Min
Typ
Max
Unit
Conditions (Ta=25℃)
tWUP
System wake-up period
Fast wake-up by IO toggle from
STOPEXE suspend
128
TSYS
Where TSYS is the time
period of system clock
Fast wake-up by IO toggle from
STOPSYS suspend, IHRC is the
system clock
128
TSYS
+
TSIHRC
Where TSIHRC is the stable time
of IHRC from power-on.
Fast wake-up by IO toggle from
STOPSYS suspend, ILRC is the
system clock
128
TSYS
+
TSILRC
Where TSILRC is the stable time
of ILRC from power-on.
Normal wake-up from STOPEXE or
STOPSYS suspend
1024
TILRC
Where TILRC is the clock
period of ILRC
HCPos
Comparator offset*
-
±10
±20
mV
HCPcm
Comparator input common mode*
0
VDD-1.
5
V
HCPspt
Comparator response time**
100
500
ns
Both Rising and Falling
HCPmc
Stable time to change comparator
mode
2.5
7.5
us
*These parameters are for design reference, not tested for each chip.
The larger fIHRC drift will have adverse effect on the RPM accuracy for MCS11 SERVO application.
** Response time is measured with comparator input at (VDD-1.5)/2 -100mV, and (VDD-1.5)/2+100mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com