Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 96 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 96 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 92Page - PADAUK Technology. MCS11 Datasheet HTML 93Page - PADAUK Technology. MCS11 Datasheet HTML 94Page - PADAUK Technology. MCS11 Datasheet HTML 95Page - PADAUK Technology. MCS11 Datasheet HTML 96Page - PADAUK Technology. MCS11 Datasheet HTML 97Page - PADAUK Technology. MCS11 Datasheet HTML 98Page - PADAUK Technology. MCS11 Datasheet HTML 99Page - PADAUK Technology. MCS11 Datasheet HTML 100Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 96 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
7-5. Bit Operation Instructions
set0
IO.n
Set bit n of IO port to low
Example:
set0
pa.5 ;
Result: set bit 5 of port A to low
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
set1
IO.n
Set bit n of IO port to high
Example:
set1
pb.5 ;
Result: set bit 5 of port B to high
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
tog
IO.n
Toggle bit state of bit n of IO port
Example:
tog
pa.5 ;
Result: toggle bit 5 of port A
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
set0
M.n
Set bit n of memory to low
Example:
set0
MEM.5 ;
Result: set bit 5 of MEM to low
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
set1
M.n
Set bit n of memory to high
Example:
set1
MEM.5 ;
Result: set bit 5 of MEM to high
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
swapc
IO.n
Swap the nth bit of IO port with carry bit
Example:
swapc
IO.0;
Result: C ← IO.0 , IO.0 ← C
When IO.0 is a port to output pin, carry C will be sent to IO.0;
When IO.0 is a port from input pin, IO.0 will be sent to carry C;
Affected flags: 『N』Z
『Y』C
『N』AC
『N』OV
Application Example (serial output) :
------------------------------------------------------------------------------------------------------------------------
…
set1
pac.0 ;
// set PA.0 as output
…
set0
flag.1 ;
// C=0
swapc
pa.0 ;
// move C to PA.0 (bit operation), PA.0=0
set1
flag.1 ;
// C=1
swapc
pa.0 ;
// move C to PA.0 (bit operation), PA.0=1
…
------------------------------------------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com