Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 34 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 34 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 30Page - PADAUK Technology. MCS11 Datasheet HTML 31Page - PADAUK Technology. MCS11 Datasheet HTML 32Page - PADAUK Technology. MCS11 Datasheet HTML 33Page - PADAUK Technology. MCS11 Datasheet HTML 34Page - PADAUK Technology. MCS11 Datasheet HTML 35Page - PADAUK Technology. MCS11 Datasheet HTML 36Page - PADAUK Technology. MCS11 Datasheet HTML 37Page - PADAUK Technology. MCS11 Datasheet HTML 38Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 34 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-7-4. Crystal Oscillator
If crystal oscillator is used, a crystal or resonator is required between X1 and X2. Fig. 5-7-1 shows the
hardware connection under this application; the range of operating frequency of crystal oscillator can be
from 32 KHz to 4MHz, depending on the crystal placed on; higher frequency oscillator than 4MHz is
NOT supported.
Fig. 5-7-1 Connection of crystal oscillator
Besides crystal, external capacitor and options of MCS11 should be fine tuned in eoscr (0x0b) register
to have good sinusoidal waveform. The eoscr.7 is used to enable crystal oscillator module, eoscr.6 and
eoscr.5 are used to set the different driving current to meet the requirement of different frequency of
crystal oscillator:
 eoscr.[6:5]=01 : Low driving capability, for lower frequency, ex: 32KHz crystal oscillator
 eoscr.[6:5]=10 : Middle driving capability, for middle frequency, ex: 1MHz crystal oscillator
 eoscr.[6:5]=11 : High driving capability, for higher frequency, ex: 4MHz crystal oscillator
Table 5 shows the recommended values of C1 and C2 for different crystal oscillator; the measured
start-up time under its corresponding conditions is also shown. Since the crystal or resonator had its
own characteristic, the capacitors and start-up time may be slightly different for different type of crystal
or resonator, please refer to its specification for proper values of C1 and C2.
Frequency
C1
C2
Measured
Start-up time
Conditions
4MHz
4.7pF
4.7pF
6ms
(eoscr[6:5]=11, misc.6=0)
1MHz
10pF
10pF
11ms
(eoscr[6:5]=10, misc.6=0)
32KHz
22pF
22pF
450ms
(eoscr[6:5]=01, misc.6=0)
Table 5 Recommend values of C1 and C2 for crystal and resonator oscillators
PA7/X1
PA6/X2
The values of C1 and C2 should depend on
the specification of crystal.
C1
C2
eoscr.7
(Enable crystal oscillator)
eoscr[6:5]
(Select driving current for oscillator)
System clock = EOSC
PA7/X1
PA6/X2
The values of C1 and C2 should depend on
the specification of crystal.
C1
C2
eoscr.7
(Enable crystal oscillator)
eoscr[6:5]
(Select driving current for oscillator)
System clock = EOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com