Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 40 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 40 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 36Page - PADAUK Technology. MCS11 Datasheet HTML 37Page - PADAUK Technology. MCS11 Datasheet HTML 38Page - PADAUK Technology. MCS11 Datasheet HTML 39Page - PADAUK Technology. MCS11 Datasheet HTML 40Page - PADAUK Technology. MCS11 Datasheet HTML 41Page - PADAUK Technology. MCS11 Datasheet HTML 42Page - PADAUK Technology. MCS11 Datasheet HTML 43Page - PADAUK Technology. MCS11 Datasheet HTML 44Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 40 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-10. WatchDog Timer
The watchdog timer (WDT) is a counter with clock coming from ILRC and its frequency is about 24 KHz.
There are four different timeout periods of watchdog timer can be chosen by setting the misc register, it is:
 256 ILRC period when misc[1:0]=11
 16384 ILRC period when misc[1:0]=10
 4096 ILRC period when misc[1:0]=01
 2048 ILRC period when misc[1:0]=00 (default)
The frequency of ILRC may drift a lot due to the variation of manufacture, supply voltage and temperature;
user should reserve guard band for safe operation. WDT can be cleared by power-on-reset or by command
wdreset at any time. When WDT is timeout, MCS11 will be reset to restart the program execution. The
relative timing diagram of watchdog timer is shown as Fig.5-10-1. Please notice that the clock source will be
switched to system clock (for example: 4MHz) when fast wakeup is enabled, therefore, it is recommended to
turn off the watchdog timer before enabling the fast wakeup and turn on the watchdog timer after disabling
the fast wakeup.
VDD
WD
Time Out
Program
Execution
tSBP
Watch Dog Time Out Sequence
VDD
WD
Time Out
Program
Execution
tSBP
Watch Dog Time Out Sequence
Fig. 5-10-1 Time-Out Sequence of WatchDog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com