Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 35 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 35 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 31Page - PADAUK Technology. MCS11 Datasheet HTML 32Page - PADAUK Technology. MCS11 Datasheet HTML 33Page - PADAUK Technology. MCS11 Datasheet HTML 34Page - PADAUK Technology. MCS11 Datasheet HTML 35Page - PADAUK Technology. MCS11 Datasheet HTML 36Page - PADAUK Technology. MCS11 Datasheet HTML 37Page - PADAUK Technology. MCS11 Datasheet HTML 38Page - PADAUK Technology. MCS11 Datasheet HTML 39Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 35 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
When using the crystal oscillator, user must pay attention to the stable time of oscillator after enabling it,
the stable time of oscillator will depend on frequency ` crystal type ` external capacitor and supply
voltage. Before switching the system to the crystal oscillator, user must make sure the oscillator is
stable; the reference program is shown as below:
void
FPPA0 (void)
{
.ADJUST_IC
DISABLE
// IHRC is not calibrated, WDT is enabled
...
$
EOSCR
Enable, 4Mhz;
// EOSCR = 0b110_00000;
$
T16M
EOSC, /1, BIT13;
// T16 receive 2^14=16384 clocks of
crystal osc.,
// Intrq.T16 =>1, crystal osc. Is stable
WORD
count
=
0;
stt16count;
Intrq.T16 =
0;
wait1
Intrq.T16;
// count fm 0x0000 to 0x2000,
then setINTRQ.T16
clkmd
=
0xA4;
// switch system clock to EOSC;
...
}
Please notice that the crystal oscillator should be fully turned off before entering the power-down mode,
in order to avoid unexpected wakeup event. If the 32KHz crystal oscillator is used and extremely low
operating current is required, misc.6 can be set to reduce current after crystal oscillator is running
normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com