Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 203 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 203 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 199Page - NXP Semiconductors FXLS93421 Datasheet HTML 200Page - NXP Semiconductors FXLS93421 Datasheet HTML 201Page - NXP Semiconductors FXLS93421 Datasheet HTML 202Page - NXP Semiconductors FXLS93421 Datasheet HTML 203Page - NXP Semiconductors FXLS93421 Datasheet HTML 204Page - NXP Semiconductors FXLS93421 Datasheet HTML 205Page - NXP Semiconductors FXLS93421 Datasheet HTML 206Page - NXP Semiconductors FXLS93421 Datasheet HTML 207Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
• The ENDINIT bit is cleared
– This applies to all registers with the exception of the RESET[1:0] bits in the
DEVLOCK_WR register
If the conditions are met, the register write is executed and the device responds to the
register write request as shown in Section 14.3.2.2. Otherwise, no register is written and
the device responds with the Error Response as defined in Section 14.2. The register
is not written until the transfer during which the register write was requested has been
completed.
A register write command to a read-only register will not execute, but will result in a valid
response.
14.3.2.1 Register write command message format
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Command C[3:0]
Fixed Bits:
Must = 0x0
Register Address
Register Data
8-bit CRC
1
0
0
0
0
0
0
0
RA[7:1]
RA[0]
RD[7:0]
CRC[7:0]
Table 309. Register write command message format
Bit field
Definition
C[3:0]
Register Write Command = '1000'
RA[7:0]
RA[7:1] contains the byte address of the register to be written.
RD[7:0]
RD[7:0] contains the data byte to be written to address RA[7:0]
CRC[7:0]
CRC. See Section 14.4
Table 310. Register write command message format description
14.3.2.2 Register write response message format
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Command C[0], [3:1]
Basic
Status
Unused
Data
= 0x0
Register Data: Contents
of RA[7:1] High Byte
Register Data: Contents
of RA[7:1] Low Byte
8-bit CRC
0
1
0
0
ST[1:0]
0
0
RD[15:8]
RD[7:0]
CRC[7:0]
Table 311. Register write response message format
Bit field
Definition
C[0], [3:1]
Register Write Command = '0100'
ST[1:0]
Status. See Section 14.5.1
RD[15:8]
The contents of the register addressed by RA[7:1] High Byte (RA[0] = 1)
RD[7:0]
The contents of the register addressed by RA[7:1] Low Byte (RA[0] = 0)
CRC[7:0]
CRC. See Section 14.4
Table 312. Register write response message format description
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
203 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com