Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 204 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 204 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 200Page - NXP Semiconductors FXLS93421 Datasheet HTML 201Page - NXP Semiconductors FXLS93421 Datasheet HTML 202Page - NXP Semiconductors FXLS93421 Datasheet HTML 203Page - NXP Semiconductors FXLS93421 Datasheet HTML 204Page - NXP Semiconductors FXLS93421 Datasheet HTML 205Page - NXP Semiconductors FXLS93421 Datasheet HTML 206Page - NXP Semiconductors FXLS93421 Datasheet HTML 207Page - NXP Semiconductors FXLS93421 Datasheet HTML 208Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
14.3.3 Sensor data request commands
The device supports standard sensor data request commands. The sensor data request
command format is described in Section 14.3.3.1. The response to a sensor data request
is shown in Section 14.3.3.2. The response is transmitted on the next SPI message
subject to the error handling conditions specified in Section 14.5. The sensor data
included in the response is the sensor data at the falling edge of SS_B for the Sensor
Data Request response.
14.3.3.1 Sensor data request command message format
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Command
Fixed Bits: Must = 0x00000
8-bit CRC
C[3:0]
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CRC[7:0]
Table 313. Sensor data request command message format
Bit field
Definition
C[0]
Sensor Data Request Command = '1'
C[3:1] = SOURCEID[2:0]
Source Identification code for the requested sensor data. See Section 11.2.13.
CRC[7:0]
CRC. See Section 14.4
Table 314. Sensor data request command message format description
14.3.3.2 Sensor data request response message format
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Command C[0], [3:1]
Basic
Status
Sensor Data
Detail
Status
8-bit CRC
1
C[3] C[2] C[1] ST[1:0]
SD[11:0]
Optional SD
resolution
SF[1:0]
CRC[7:0]
Table 315. Sensor data request response message format
Bit field
Definition
C[0]
Sensor Data Request Command = '1'
C[3:1] = SOURCEID[2:0]
Source Identification code for the requested sensor data. See Section 11.2.13.
ST[1:0]
Basic Status. See Section 14.5.1
SD[11:0]
Sensor Data. See Section 11.6.4.9
Optional SD Resolution
Optional for 16-bit Sensor Data. See Section 11.6.4.9
SF[1:0]
Detailed Status. See Section 14.5.3
CRC[7:0]
CRC. See Section 14.4
Table 316. Sensor data request response message format description
14.3.4 Reserved commands
The device responds to reserved commands on the next SPI message subject to the
error handling conditions specified in Section 14.5.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
204 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com