Electronic Components Datasheet Search
  English  ▼

X  

LMK04832PAP/EM Datasheet(PDF) 69 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 69 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 65Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 66Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 67Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 68Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 69Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 70Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 71Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 72Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
8.6.2.6.7 HOLDOVER_DLD_CNT
Table 8-53. HOLDOVER_DLD_CNT[13:0]
MSB
LSB
0x151[5:0] / HOLDOVER_DLD_CNT[13:8]
0x152[7:0] / HOLDOVER_DLD_CNT[7:0]
This register has the number of valid clocks of PLL1 PDF before holdover is exited.
Table 8-54. Registers 0x151 and 0x152
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x151
7:6
NA
0
Reserved
0x151
5:0
HOLDOVER
_DLD_CNT[13:8]
2
The number of valid clocks of PLL1 PDF before holdover
mode is exited.
Field Value
Count Value
0 (0x00)
0
1 (0x01)
1
0x152
7:0
HOLDOVER
_DLD_CNT[7:0]
0
2 (0x02)
2
...
...
16382 (0x3FFE)
16382
16383 (0x3FFF)
16383
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More