Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 119Page - Renesas Technology Corp DA6021 Datasheet HTML 120Page - Renesas Technology Corp DA6021 Datasheet HTML 121Page - Renesas Technology Corp DA6021 Datasheet HTML 122Page - Renesas Technology Corp DA6021 Datasheet HTML 123Page - Renesas Technology Corp DA6021 Datasheet HTML 124Page - Renesas Technology Corp DA6021 Datasheet HTML 125Page - Renesas Technology Corp DA6021 Datasheet HTML 126Page - Renesas Technology Corp DA6021 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
123 of 224
www.dialog-semiconductor.com
12. I2C Interface
Overview
12.1
DA6021 is a slave-
only device that is mastered by the SoC. It resides off the SoC’s I2C. The slave device
implemented on DA6021 side is an asynchronous implementation and will support the high speed mode
(3.4MHz). Some of the main features for the I2C slave are:
DA6021 is accessed using a 7-bit addressing scheme.
I2C slave is not allowed to stretch the clock, and must be capable of being multi-mastered in a debug
environment.
The interface draws as minimum power when not actively reading/writing registers.
The slave adapts to the incoming frequency without any communication as the protocol for fast mode
and high speed mode is the same.
2 Slave Address are supported. Each address is targeting a 256 register page inside DA6021.
Sequential offset accesses within a single transaction (burst reads and writes) are not required.
Interface implementation is asynchronous.
Slave Addresses
12.2
DA6021 supports the standard I2C read and write functions. The configuration register space is divided into two
256-byte partitions. DA6021 supports five 7-bit device addresses to access each of the 256 byte partitions. Note
that in 8-bit format, these addresses correspond to 0xBC and 0xDC for writes, and 0xBD and 0xDD for reads.
In order to avoid conflict with the assigned addresses the slave addresses will be programmable via OTP.
Slave address
Read address
Write address
Device 1
0x5E
0xBC
0xBD
Device 2
0x6E
0xDC
0xDD
Table 88: I2C Slave Addresses
The slave addresses need to be locked in order to avoid that software can overwrite them and disable the
communication.
Protocol
12.3
Reads from PMIC registers follow the “combined protocol” as described in the I2C specification, in which the first
byte written is the register offset to be read, and the first byte read (after a repeat START condition) is the data
from that register offset. See the figures below for details. The following diagrams capture the different high-
speed and fast-speed transaction format/protocol
Figure 56: I2C Fast Speed Write
S
7b SLAVE
ADDRESS
R/W
A
8b DATA
A
8b DATA
A/A
P
7'h5E or 7'h6E
‘0’ (Write)
Reg. Offset
Reg. Data
A = Acknowledge (SDA LOW)
A = Not Acknowledge (SDA HIGH)
S = START Condition
P = STOP Condition
Master to Slave
Slave to Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com