Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 120Page - Renesas Technology Corp DA6021 Datasheet HTML 121Page - Renesas Technology Corp DA6021 Datasheet HTML 122Page - Renesas Technology Corp DA6021 Datasheet HTML 123Page - Renesas Technology Corp DA6021 Datasheet HTML 124Page - Renesas Technology Corp DA6021 Datasheet HTML 125Page - Renesas Technology Corp DA6021 Datasheet HTML 126Page - Renesas Technology Corp DA6021 Datasheet HTML 127Page - Renesas Technology Corp DA6021 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
124 of 224
www.dialog-semiconductor.com
Figure 57: I2C Fast Speed Read
Figure 58: High Speed Write
Figure 59: High Speed Read
Electrical Requirements
12.4
Parameter
Min
Nom
Max
Units
Notes
Val
Voltage (VDD)
1.71
1.8
1.89
V
At pin
-
Vil
0.3*VDD
V
A
Vih
0.7*VDD
V
A
Vhys
0.1
V
D,E
Vol
0.2*VDD
V
A
Cpin
2
5
pF
D,E
Tfall_hs
10
40
ns
3.33 Mb/s Operation
E
Tfall_fs
20
300
Ns
400 Kb/s Operation
E
Tr/Tf
30
70
%
Measurement Points
E
Table 89: I2C Signal Electrical Specification
S
7b SLAVE
ADDRESS
R/W
A
8b DATA
A
8b DATA
A
P
7'h5E or 7'h6E
‘0’ (Write)
Reg. Offset
Reg. Data
A = Acknowledge (SDA LOW)
A = Not Acknowledge (SDA HIGH)
S = START Condition
P = STOP Condition
Sr = REPEAT START Condition
Sr
7b SLAVE
ADDRESS
R/W
A
7'h5E or 7'h6E
‘1’ (Read)
Master NAK’s to
indicate last byte.
May be either
Sr or P + S
Master to Slave
Slave to Master
Sr
7b SLAVE
ADDRESS
R/W
A
8b DATA
A
8b DATA
A/A
P
7
’h5E or 7'h6E
‘0’ (Write)
Reg. Offset
Reg. Data
A = Acknowledge (SDA LOW)
A = Not Acknowledge (SDA HIGH)
S = START Condition
P = STOP Condition
Master to Slave
Slave to Master
S
8b Master Code
(0000 1XXX)
A
Fast Speed (400kHz)
High Speed (3.4MHz)
Sr
7b SLAVE
ADDRESS
R/W
A
8b DATA
A
8b DATA
A
P
7
’h5E or 7'h6E
‘0’ (Write)
Reg. Offset
Reg. Data
A = Acknowledge (SDA LOW)
A = Not Acknowledge (SDA HIGH)
S = START Condition
P = STOP Condition
Sr = REPEAT START Condition
Sr
7b SLAVE
ADDRESS
R/W
A
7
’h5E or 7'h6E
‘1’ (Read)
Master NAK’s to
indicate last byte.
Master to Slave
Slave to Master
S
8b MASTER CODE
(0000 1XXX)
A
Fast Speed (400kHz)
High Speed (3.4MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com