Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 124Page - Renesas Technology Corp DA6021 Datasheet HTML 125Page - Renesas Technology Corp DA6021 Datasheet HTML 126Page - Renesas Technology Corp DA6021 Datasheet HTML 127Page - Renesas Technology Corp DA6021 Datasheet HTML 128Page - Renesas Technology Corp DA6021 Datasheet HTML 129Page - Renesas Technology Corp DA6021 Datasheet HTML 130Page - Renesas Technology Corp DA6021 Datasheet HTML 131Page - Renesas Technology Corp DA6021 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
128 of 224
www.dialog-semiconductor.com
Vol
0.1
V
1mA source current
A
Cload
380
pF
D,E
Trise
500
ns
0V to Vih(min)
D,E
Tfall
500
ns
Vpu to Vil(max)
D,E
Table 93: BATID Electrical Specification
Battery Presence Detection
14.2.3
Normally the BSI resistor will pull the voltage on the BATID line to a level that is lower than a set trip point. If the
battery is removed, the BATID node will be pulled high by the RMBI platform resistor which is typically in the
range of 30KΩ to 200KΩ. When this occurs, DA6021 detects that the battery is being removed (if configured).
The integrated 100ms de-bounce logic ensures there are no false removal alerts.
Depending on the DA6021 setting either a complete Cold Off sequence will be performed or an interrupt to the
SOC will be sent.
If the DBIEN bit be set, allowing digital battery communication mode to be entered on the BATID pin, the battery
presence logic is switched off to avoid battery removal detection. Prior to Digital Battery Communication,
DA6021 retains the last known BATID line voltage value in order to ensure that no false battery removal events
are reported.
BSI Sensing
14.2.4
DA6021 is able to detect the presence of the RBSI resistor as shown. The RBSI is a 1% resistor and can range
anywhere from 0 to 130kΩ. DA6021 is able to differentiate between different ID resistances (assuming standard
1% values over the aforementioned range).
Digital Battery Communications
14.2.5
DA6021 includes level shifting hardware that will take the single BATID line and convert it to two unidirectional
1.8V I/O signals, BATIDIN and BATIDOUT. The SOC will communicate with the battery digital interface via
DA6021 which is transparent and shifts the signals from the battery voltage domain to the 1.8V SOC domain.
GPIO0P1 and GPIO0P2 pins are used for this function.
Software, based on the value of the BSI resistance discovered, may choose to enable digital battery
communication.
Whenever digital communication is enabled (DBIEN bit in the BATDETCTRL register), DA6021 disables the
analog BATID presence sensing logic, and not falsely report removal events.
Parameter
Min
Nom
Max
Units
Notes
Val
Voltage (VDD)
1.71
1.8
1.89
V
At pin
-
Vil
0.3*VDD
V
A
Vih
0.7*VDD
V
A
Vhys
0.1
V
D,E
Vol
0.2*VDD
V
A
Voh
VDD-0.45
V
Trise
20
300
ns
D,E
Tfall
20
300
ns
D,E
Tr/Tf
30
70
%
Measurement Points
Table 94: Digital Battery Interface Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com