Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 128Page - Renesas Technology Corp DA6021 Datasheet HTML 129Page - Renesas Technology Corp DA6021 Datasheet HTML 130Page - Renesas Technology Corp DA6021 Datasheet HTML 131Page - Renesas Technology Corp DA6021 Datasheet HTML 132Page - Renesas Technology Corp DA6021 Datasheet HTML 133Page - Renesas Technology Corp DA6021 Datasheet HTML 134Page - Renesas Technology Corp DA6021 Datasheet HTML 135Page - Renesas Technology Corp DA6021 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
132 of 224
www.dialog-semiconductor.com
Power Source Detection Events
14.6
The events generated from the Power Source Detection Logic and driven into the event interface are:
Battery Insertion Event.
Battery Removal Event.
USB Insertion Event.
USB Removal Event.
DCIN Insertion Event.
DCIN Removal Event.
VSYS Valid Event
All power source detection events will generate an Interrupt towards the SoC
Battery wake-up
AC/DC wake-up
USB wake-up
Wake-Up Logic
14.7
In order to make decision about the wakeup, SYSCO takes status information regarding power supply source
and the power button and event generated from these. Following table shows the wakeup decision.
Events
Condition to be Fulfilled
Comments
Battery Insertion
BATWAKEEN = 1
BATLOW_B = 1
Regardless of other power supplies
status.
AC Adapter
Insertion
ADPWAKEEN = 1
BATLOW_B = 1
DCBOOT = 0
Dependency on battery status
ADPWAKEEN = 1
BATLOW_B = 1
DCBOOT = 1
No dependency on battery status
USB Insertion
USBWAKEEN = 1
BATLOW_B = 1
Battery Present.
Wakeup is not allowed if we are
running only on USB.
Battery
Becomes Valid
BATLOW_B = 1
ADPWAKEEN = 1
Battery present. AC/DC insertion
event (DCBOOT = 0). The wakeup is
only delayed till battery is charged
enough (VBAT > BATLOW)..
BATLOW_B = 1
USBWAKEEN = 1
Battery present. USB insertion event.
The wakeup is only delayed till
battery is charged enough.
Power Button
BATLOW_B = 1
System running on battery
PWRBTNWAKE.USBWAKE = 01
PWRBTNWAKE.USBWAKE = 10
Battery present and charging from
USB. Battery not charged enough.
01 = DCP charging wakeup
11 = SDP (500mA) charging wakeup
With 100mA USB source there is not
boot possible.
PWRBTNWAKE.ACDCWAKE = 1
DCBOOT = 0
Battery present and charging from
AC/DC. Battery still not charged
enough.
DCBOOT = 1
BSTRMDETRN = 0
Wakeup immediately
Table 98: System Wake-Up Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com