Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 132Page - Renesas Technology Corp DA6021 Datasheet HTML 133Page - Renesas Technology Corp DA6021 Datasheet HTML 134Page - Renesas Technology Corp DA6021 Datasheet HTML 135Page - Renesas Technology Corp DA6021 Datasheet HTML 136Page - Renesas Technology Corp DA6021 Datasheet HTML 137Page - Renesas Technology Corp DA6021 Datasheet HTML 138Page - Renesas Technology Corp DA6021 Datasheet HTML 139Page - Renesas Technology Corp DA6021 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
136 of 224
www.dialog-semiconductor.com
Register Name
LOWBATDET0
Address
0x23
Page 1
Read/Write
Reset Value 0xCB
MSB
LSB
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DCBOOT
LOWBATDC
LOWBAT
LOWBAT[3:0]
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
2.2V
2.4V
2.6V
2.7V
2.8V
2.9V
3.0V
3.1V
3.2v
3.3V
3.4V
3.5V
3.6V
3.7V
3.8V
3.9V
LOWBATDC[2:0]
000
001
010
011
100
101
110
111
2.2V
2.4V
2.6V
2.8V
3.0V
3.2V
3.4V
3.6V
DCBOOT
0
1
System boot depending on battery setting by LOWBAT[3:0] when
AD/DC adapter is plugged in
System boot enable with AD/DC adaptor alone, no battery required
Register Name
LOWBATDET1
Address
0x24
Page 1
Read/Write
Reset Value
0x8A
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LOWBATDCP
LOWBATSDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com