Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 136Page - Renesas Technology Corp DA6021 Datasheet HTML 137Page - Renesas Technology Corp DA6021 Datasheet HTML 138Page - Renesas Technology Corp DA6021 Datasheet HTML 139Page - Renesas Technology Corp DA6021 Datasheet HTML 140Page - Renesas Technology Corp DA6021 Datasheet HTML 141Page - Renesas Technology Corp DA6021 Datasheet HTML 142Page - Renesas Technology Corp DA6021 Datasheet HTML 143Page - Renesas Technology Corp DA6021 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
140 of 224
www.dialog-semiconductor.com
gain = 0.8
ADC_IN1÷3 Voltage
Range
/ channels A1, A2, A3 /
ADC=[VIN / 2.5] x
1023
gain = 1.0
0
2.5
V
A
Internal Temp. Sensor
Voltage
/ channel A4 /
ADC=[1
– 1.2 x VTJ]
x 1023
gain = 3.0
0
0.833
V
A
VBBAT Voltage Range
/ channel A5 /
ADC=[1 - 0.2 x
VBBAT] x 1023
gain = 0.5
0
5
V
A
Inter Channel Isolation
80dB for channel A3
(ADC_IN6)
60
dB
D
Regulator OV/UV
monitoring Channel A8
÷ A10
Gain =0.5
0
5.5
V
Table 99: ADC Electrical Charakteristics
Analog Overview
15.2
The AD conversion is of successive approximation type using sample and hold. It has a resolution of 10 bits and
a conversion cycle of 21 clock cycles including an auto-zero phase (23 cycles consumed back-to-back). The
GPADC is supplied from the same supply, VDDCORE, as the digital block. If unused, the GPADC can be
disabled to reduce its power consumption by a factor around 100.
The GPADC has an analog input multiplexer with in total 16 input channels.
CH
Description
Signal
name
Measur
ement
range
Cond.
Comment
ADC
value
Gain
0
Battery Voltage,
VBAT
(Pin:
IBATSENSE)
VREG
0.0V..
5.0V
YES
0.5*
Vin/VLP*1
023
0.5
1
Battery ID
(Pin: BATID)
ADCIN1
0.0V ..
VLP
NO
VREFB needs to be
switched on 1ms prior to
ADC measurement.
VREFB needs to stay on
when battery removal has
to be detected by the
VBATID Comparator.
Vin/VREF
B*1023
1
2
DA6021 Die
Temperature
(no pin)
vbe_ADC/
adc_temp
0.0V ..
VLP/3
YES
3*
Vin/VLP
*1023
3
3
Battery Pack
Temp 0
(Pin:
BPTHERM0)
ADCIN2
0.0V ..
VLP
NO
VREFT needs to be
switched on 1ms prior to
ADC measurement.
Vin/VREF
T
*1023
1
4
Battery Pack
Temp 1
(Pin:
BPTHERM1)
ADCIN3
0.0V ..
VLP
NO
Vin/VREF
T*1023
1
5
System Temp 0
(Pin:
SYSTHERM0)
ADCIN4
0.0V ..
VLP
NO
Vin/VREF
T*1023
1
6
System Temp 1
(Pin:
ADCIN5
0.0V ..
VLP
NO
Vin/VREF
T*1023
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com