Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 137Page - Renesas Technology Corp DA6021 Datasheet HTML 138Page - Renesas Technology Corp DA6021 Datasheet HTML 139Page - Renesas Technology Corp DA6021 Datasheet HTML 140Page - Renesas Technology Corp DA6021 Datasheet HTML 141Page - Renesas Technology Corp DA6021 Datasheet HTML 142Page - Renesas Technology Corp DA6021 Datasheet HTML 143Page - Renesas Technology Corp DA6021 Datasheet HTML 144Page - Renesas Technology Corp DA6021 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
141 of 224
www.dialog-semiconductor.com
SYSTHERM1)
7
System Temp 2
(Pin:
SYSTHERM2)
ADCIN6
0.0V ..
VLP
NO
Vin/VREF
T*1023
1
8
VSYS
(Pin: VSYS)
VSYS
2.5V ..
5.5V
YES
0.8*(VSYS
-
VLP)/VLP*
1023
0.8
9
Averaging output
current
ADCIN7
0.0V ..
VLP
YES
There is a pre-selection on
which rail the current
measurement will be
averaged
2*Vin/VRE
F*1023
2
Table 100: ADC Channel Overview
The ADC is used for temperature, current and voltage measurements. It is managed by the DA6021 ADC state
machine. The state machine performs ADC operations are, like regular readings of temperatures, current and
voltage, programmed in registers and may be modified by the SOC after boot and initialization. The ADC state
machine is an independent hardware engine which prevents the management of lengthy ADC transactions from
blocking time-critical power sequencing tasks.
The GPADC will be used to perform the following tasks:
1. Repeated (on-going) battery temperature acquisition (initiated via timer defined in THRMMONCTL)
2. Repeated (on-going) system temperature acquisition (initiated via timer defined in THRMMONCTL)
3. Repeated (on-going) PMIC die temperature acquisition (initiated via timer defined in THRMMONCTL)
4. Repeated (on-going) VR current acquisition (initiated via timer define VRIMONCTL)
5. SOC-requested acquisition of any GPADC channels (initiated via MANCONV0-1)
6. Thermal Alerts - triggering thermal interrupts when either battery temperatures, system temperatures or
PMIC temperature exceed the alert thresholds which are set in corresponding registers, asserts
PROCHOT_ B to SOC when enabled
7. Critical Temperature Shutdown
– if enabled, triggering system shutdown when either battery
temperatures, system temperatures or PMIC temperature exceed the critical temperature thresholds
which are set in corresponding registers
ADC Measurement Support
15.2.1
The analog ADC domain includes 2 voltage reference switches VREFB and VREFT. The reference switches for
the reference sources are enabled according vrefb/t_en signals.
There is another measurement function which allows comparing the input voltage against a fixed reference
voltage. Although this feature is implemented within the analog part of the ADC, it is completely independent
from all the scheduler based ADC functions. Because the comparison result may be put out via a pad, the PADS
block manages this function instead of the digital ADC block.
Preamplifier
15.2.2
A preamplifier is used for channels with an input range exceeding the ADC input range. The preamplifier is an
inverting amplifier so the ADC conversion values for these channels are bitwise inverted before use. For channel
3-7 it includes low pass filtering to reduce impact on platform noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com