Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 134Page - Renesas Technology Corp DA6021 Datasheet HTML 135Page - Renesas Technology Corp DA6021 Datasheet HTML 136Page - Renesas Technology Corp DA6021 Datasheet HTML 137Page - Renesas Technology Corp DA6021 Datasheet HTML 138Page - Renesas Technology Corp DA6021 Datasheet HTML 139Page - Renesas Technology Corp DA6021 Datasheet HTML 140Page - Renesas Technology Corp DA6021 Datasheet HTML 141Page - Renesas Technology Corp DA6021 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
138 of 224
www.dialog-semiconductor.com
Register Name
RESETSRC1
Address
0x21
Page 1
Read/Write
Reset Value
0x00
MSB
LSB
R
R
R
R
R
R
R
R
reserved
RFCO
RIDBATRM
RVCRIT
RVCRIT
0
1
Default
Previous shutdown was due to violation of the VCRIT threshold as
programmed in the BCU configuration
RIDBATRM
0
1
Previous shutdown was due to battery removal event detected by
BATID comparator
RFCO
0
1
Previous shutdown was due to user holding down the power button
Register Name
RESETSRC0
Address
0x20
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R
R
R
R
R
R
reserved
RVBATRM RVSYSOVP RVSYSUVP RBATTEMP RSYSTEMP RPMICTEMP RTHERMTRIP
RTHERMTRIP
0
1
Previous immediate shutdown due to SOC THERMTRIP_B
RPMICTEMP
0
1
Previous immediate shutdown due to PMIC over temperature
RSYSTEMP
0
1
Previous immediate shutdown due to system over temperature
RBATTEMP
0
1
Previous immediate shutdown due to battery over temperature
RVSYSUVP
0
1
Previous immediate shutdown due to VSYS under voltage
RVSYSOVP
0
1
Previous immediate shutdown due to VSYS over voltage
RVBATRM
0
1
Previous immediate shutdown due to battery removal
Register Name
WAKESRC
Address
0x22
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R
R
R
R
R
R
reserved
WAKEADP
WAKEUSB
WAKEBAT
WAKEBTN
WAKEBTN
0
1
Wake-up triggered by power button
WAKEBAT
0
1
Wake-up triggered by battery insertion
WABEUSB
0
1
Wake-up triggered by USB charger insertion
WAKEADP
0
1
Wake-up triggered by AC/DC adapter insertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com