Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 130Page - Renesas Technology Corp DA6021 Datasheet HTML 131Page - Renesas Technology Corp DA6021 Datasheet HTML 132Page - Renesas Technology Corp DA6021 Datasheet HTML 133Page - Renesas Technology Corp DA6021 Datasheet HTML 134Page - Renesas Technology Corp DA6021 Datasheet HTML 135Page - Renesas Technology Corp DA6021 Datasheet HTML 136Page - Renesas Technology Corp DA6021 Datasheet HTML 137Page - Renesas Technology Corp DA6021 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
134 of 224
www.dialog-semiconductor.com
Critical events are:
IDBATRM
– DA6021 detects that a battery was removed from the system by BATID presence
comparator when the bit BATRMSRC in the PSDETCTRL register is set (=1). All VRs are shut down in
sequenced order but without waiting for SLP_S*_B from SOC. If BATRMPDEN is cleared, the PMIC
may operate without detecting a valid battery is present ONLY if an AC/DC adapter (SDCINDET_B=1),
therefore no Cold Off in this case. Instead, an interrupt is sent to the SOC (assuming unmasked, via the
normal behavior of the SBATDET bit). However, even if BATRMPDEN is cleared, a Cold Off will still be
executed if no AC/DC adapter is detected (SDCINDET_B=0)
BCU VCRIT
– The BCU detects that the VSYS voltage node has entered the “VCRIT” operating zone. If
the VCRITCFG register in the BCU configuration space is set to enable shutdown action, All VRs are
shut down in sequenced order but without waiting for SLP_S*_B from SOC. If VCRITCFG is not set to
enable shutdown action, only an interrupt is sent to the SOC (via the normal method).
Power Source Registers
14.9
Register Name
PWRSRCIRQ
Address
0x03
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R
R
R
R/W
R/W
R/W
reserved
BATDET
DCDET
VBUSDET
VBUSDET
0
1
No change
Change in connection status
DCDET
0
1
No change
Change in connection status
BATDET
0
1
No change
Change in connection status
Register Name
MPWRSRCIRQS0
Address
0x0F
Page 1
Read/Write
Reset
Value
0x07
MSB
LSB
R
R
R
R
R
R/W
R/W
R/W
Reserved
MBATDET
_S0
MDCDET
_S0
MVBUS
DET_S0
MVBUSDET_S0
0
1
VBUS detection not masked, S0 mode only
VBUS detection masked, S0 mode only
MDCDET_S0
0
1
AC/DC adapter detection not masked, S0 mode only
AC/DC adapter detection masked, S0 mode only
MBATDET_S0
0
1
Battery detection not masked, S0 mode only
Battery detection masked, S0 mode only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com