Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 129Page - Renesas Technology Corp DA6021 Datasheet HTML 130Page - Renesas Technology Corp DA6021 Datasheet HTML 131Page - Renesas Technology Corp DA6021 Datasheet HTML 132Page - Renesas Technology Corp DA6021 Datasheet HTML 133Page - Renesas Technology Corp DA6021 Datasheet HTML 134Page - Renesas Technology Corp DA6021 Datasheet HTML 135Page - Renesas Technology Corp DA6021 Datasheet HTML 136Page - Renesas Technology Corp DA6021 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
133 of 224
www.dialog-semiconductor.com
It is assumed that DA6021 is in SOC_G3 and VSYS is valid. Such wake-up event will be generated even if the
system is in SOC_S4, SOC_S3 and SOC_SX. Wake-up is completely under the control of the processor.
A power button event is forwarded to the SOC via the DA6021 PWRBTN_B output pin and SOC will take the
action. In case of an event other than the power button an interrupt towards the SoC will be generated.
Following the wake-up signal generation in SOC_G3:
1.
Power Source Detection Logic detects an event (power button or power source insertion)
2.
ADC is triggered to measure VBAT
3.
ADC will provide the measurement result is available
4.
Power Source detection Logic compares the measurement result with the programmed LOWBAT value,
according to the available source
5.
Issue a wake-up event notifying the wake-up source
This will be done only if in SOC_G3 and there is no need to measure the VBUS and DCIN. In case of USB
insertion and the battery measurement gives as result battery low Power Source Detection Logic will trigger the
ADC every 4 second. As this is not critical time an error of 100ms is tolerated.
DA6021 Catastrophic and Critical Events
14.8
There are 9
“catastrophic and critical events” which may force an immediate Cold Off, i.e. force an immediate
hardware-controlled VR shutdown, or simply alert the SOC. Four of these events
– BCU VCRIT, BATRM,
System TEMP and battery TEMP
– may have configurable action, programmed via the I2C register map. These
events are split into two ca
tegories: “Catastrophic” and “Critical”
Catastrophic events are:
THERMTRIP_B - The SOC asserts THERMTRIP_B in response to an SOC over-temperature condition.
DA6021 asserts SDWN_B immediately. After 90us, shuts down all VRs.
PMICTEMP
– DA6021 detects a critical over-temperature condition on its internal die sensor and asserts
SDWN_B immediately. After 90us, shuts down all VRs.
System TEMP
– DA6021 detects a critical over-temperature condition on an external system thermistor.
If programmed DA6021 asserts SDWN_B immediately. After 90us, shuts down all VRs.
Battery TEMP
– DA6021 detects a critical over-temperature condition on an external battery thermistor.
If programmed DA6021 asserts SDWN_B immediately. After 90us, shuts down all VRs.
VSYSUVP
– DA6021 detects VSYS “undervoltage” (VSYS ≤ 2.7V) by VSYS under voltage hard-coded
comparator for more than 100µs.DA6021 asserts SDWN_B immediately. After 90us, shuts down all
VRs.
VSYSOVP
– DA6021 detects VSYS “overvoltage” (VSYS ≥ 5.4V min) by VSYS over voltage hard-coded
comparator for more than 100µs.DA6021 asserts SDWN_B together with shutting down all VRs
immediately.
VBATRM
– DA6021 detects that a battery was removed from the system by VBAT comparator when the
bit BATRMSRC in the PSDETCTRL register is cleared (=0). If BATRMPDEN is set (=1), DA6021 asserts
SDWN_B immediately. After 90us, shut down all VRs. If BATRMPDEN is cleared, DA6021 operates
without detecting a valid battery is present ONLY if an AC/DC adapter (SDCINDET_B=1), therefore no
Cold Off in this case. Instead, an interrupt is sent to the SOC (assuming unmasked, via the normal
behavior of the SBATDET bit). However, even if BATRMPDEN is cleared, a Cold Off will still be
executed if no AC/DC adapter is detected (SDCINDET_B=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com