Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 126Page - Renesas Technology Corp DA6021 Datasheet HTML 127Page - Renesas Technology Corp DA6021 Datasheet HTML 128Page - Renesas Technology Corp DA6021 Datasheet HTML 129Page - Renesas Technology Corp DA6021 Datasheet HTML 130Page - Renesas Technology Corp DA6021 Datasheet HTML 131Page - Renesas Technology Corp DA6021 Datasheet HTML 132Page - Renesas Technology Corp DA6021 Datasheet HTML 133Page - Renesas Technology Corp DA6021 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
130 of 224
www.dialog-semiconductor.com
VBUS Falling (Disconnection Event)
When the VBUS level at the comparator becomes lower than reference voltage (including falling edge
hysteresis), VBUS is considered invalid. If the VBUSDBEN bit is set in the VBUSDETCTRL register, VBUS must
be sensed as invalid for the full 100ms de-bounce time before the SVBUSDET bit in the SPWRSRCIRQ register
is cleared, indicating charger disconnection. If VBUSDBEN is cleared, SVBUSDET is cleared immediately upon
VBUS becoming invalid.
On any change in the SVBUSDET bit in the SPWRSRCIRQ register (set or clear), the corresponding interrupt
flag, VBUSDET, is set in the PWRSRCIRQ 2
nd-level interrupt register. This automatically sets the PWRSRC
interrupt flag in the IRQLVL1 interrupt register, and alerts the SOC. The SOC is expected to query the
SVBUSDET bit in SPWRSRCIRQ to determine if the event was a connection or disconnection.
Analog electrical parameters:
Parameter
Symbol
Condition
Min
Typ
Max
unit
Val
Static parameters
Rising Threshold
895
940
990
mV
A
Falling Threshold
810
860
900
mV
A
Hysteresis
65
80
90
mV
D,E
Dynamic parameters
Rising Delay
1
10
20
us
D,E
Falling Delay
1
10
20
us
D,E
Table 96: VBUS Detection, Analog Electrical Parameters
VDCIN Power Source Detection Comparators
14.4
The VDCIN_SENSE detection will be done in a similar fashion as for the VBUS.
Figure 64: DCIN Detection
The same sequence of operation as in the case of the VBUS will be followed to decide on the booting. After
detecting the DCIN an IRQ on removal / Insertion event will be generated.
VDCIN Rising (Connection Event)
When the VDCIN level at the comparator becomes higher than the reference voltage (including rising edge
hysteresis), VDCIN is considered valid. If the VDCINDBEN bit is set in the VDCINDETCTRL register, VDCIN
must be sensed as valid for the full 100ms de-bounce time before the SDCINDET bit in the SPWRSRCIRQ
register is set, indicating adapter connection. If VDCINDBEN is cleared, SDCINDET is set immediately upon
VDCIN becoming valid.
analog
external
0.89V
– 0.98V
sync
Deb/
100ms
EN
ST
IRQ
MSK
IRQ_LVL1
VDCIN
digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com