Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 127Page - Renesas Technology Corp DA6021 Datasheet HTML 128Page - Renesas Technology Corp DA6021 Datasheet HTML 129Page - Renesas Technology Corp DA6021 Datasheet HTML 130Page - Renesas Technology Corp DA6021 Datasheet HTML 131Page - Renesas Technology Corp DA6021 Datasheet HTML 132Page - Renesas Technology Corp DA6021 Datasheet HTML 133Page - Renesas Technology Corp DA6021 Datasheet HTML 134Page - Renesas Technology Corp DA6021 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
131 of 224
www.dialog-semiconductor.com
VDCIN Falling (Disconnection Event)
When the VDCIN level at the comparator becomes lower than the reference voltage (including falling edge
hysteresis), VDCIN is considered invalid. If the VDCINDBEN bit is set in the VDCINDETCTRL register, VDCIN
must be sensed as invalid for the full 100ms de-bounce time before the SDCINDET bit in the SPWRSRCIRQ
register is cleared, indicating charger disconnection. If VDCINDBEN is cleared, SDCINDET is cleared
immediately upon VDCIN becoming invalid.
On any change in the SDCINDET bit in the SPWRSRCIRQ register (set or clear), the corresponding interrupt
flag, DCINDET, is set in the PWRSRCIRQ 2
nd-level interrupt register. This automatically sets the PWRSRC
interrupt flag in the IRQLVL1 interrupt register, and alerts the SOC. The SOC is expected to query the
SDCINDET bit in SPWRSRCIRQ to determine if the event was a connection or disconnection.
Analog electrical parameters:
Parameter
Symbol
Min
Typ
Max
unit
Val
VDCIN Rising Threshold (VDCIN: L->H)
VDCINREFH
895
940
990
mV
A
VDCIN Falling Threshold (VDCIN H->L)
VDCINREFL
810
860
900
mV
A
debouncing
90
100
110
ms
A
Table 97: VDCIN Detection, Analog Electrical Parameters
BATLOW Definition
14.5
Once detection is done, according to the supply configuration, the ADC will be triggered to measure the VBAT
voltage. The result register will be compared with one of the four possible threshold levels defined to generate
the BATLOW signal. This is needed in order to decide if we can boot or not. Below a figure with the levels and
the explanation for the different LOWBAT levels
Figure 65: Valid Battery Thresholds
LOWBAT: No supply source detected apart from the main battery.
LOWBATSDP: VBUS_SENSE detected and USB is of the SDP type.
LOWBATDCP: VBUS_SENSE detected and USB is of the DCP, CDP or ACA type.
LOWBATDC: VDCIN_SENSE is detected so an AC adapter is connected.
After every battery measurement the result will be compared with the corresponding thresholds. If the system is
running on AC/DC plug or USB supply the VBAT input voltage is measured frequently with the ADC. If the level
drops below an appropriate threshold the PMIC will assert the BATLOW pin, the processor will then take action.
All thresholds are preprogrammed in OTP and can be overwritten by software.
3.6V
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com