Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 139Page - Renesas Technology Corp DA6021 Datasheet HTML 140Page - Renesas Technology Corp DA6021 Datasheet HTML 141Page - Renesas Technology Corp DA6021 Datasheet HTML 142Page - Renesas Technology Corp DA6021 Datasheet HTML 143Page - Renesas Technology Corp DA6021 Datasheet HTML 144Page - Renesas Technology Corp DA6021 Datasheet HTML 145Page - Renesas Technology Corp DA6021 Datasheet HTML 146Page - Renesas Technology Corp DA6021 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
143 of 224
www.dialog-semiconductor.com
SYSTHERM0
0
1
Initiates manual conversion of SYSTHERM0, clears after conversion
SYSTHERM1
0
1
Initiates manual conversion of SYSTHERM1, clears after conversion
SYSTHERM2
0
1
Initiates manual conversion of SYSTHERM2, clears after conversion
Register Name
MANCONV1
Address
0x73
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R/W
R/W
R/W
R/W
R/W
R/W
reserved
VSYS
IVDDQ
IV1P05S
IV1P0A
IVNN
IVCC
IVCC
0
1
Initiates manual conversion of VCC current, clears after conversion
IVNN
0
1
Initiates manual conversion of VNN current, clears after conversion
IV1P0A
0
1
Initiates manual conversion of V1P0A current, clears after
conversion
IV1P05S
0
1
Initiates manual conversion of V1P05S current, clears after
conversion
IVDDQ
0
1
Initiates manual conversion of VDDQ current, clears after
conversion
VSYS
0
1
Initiates manual conversion of VSYS, clears after conversion
As soon as at least one of the manual register is set, the sequencer starts to measure the first manual channel at
the next MAN_TRIGGER from the main state machine. At the end of this first conversion, it puts the result in to
the result register related to the channel measured. The next channel selected in the MANCONV register is
measured at the next trigger.
Manual measurements include setting an event bit and raising a nIRQ interrupt after end of conversion.
Register Name
ADCIRQ0
Address
0x08
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SYS
THERM2
SYS
THERM1
SYS
THERM0
BP
THERM1
BP
THERM0
PMIC
TEMP
BATID
VBAT
VBAT
0
1
Conversion request for VBAT comple
te, clear by writing “1”
BATID
0
1
Conversion request for BATID
complete, clear by writing “1”
PMICTEMP
0
1
Conversion request for PMICTEMP
complete, clear by writing “1”
BPTHERM0
0
1
Conversion request for BPTHERM0
complete, clear by writing “1”
BPTHERM1
0
1
Conversion request for BPTHERM1
complete, clear by writing “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com