Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 142Page - Renesas Technology Corp DA6021 Datasheet HTML 143Page - Renesas Technology Corp DA6021 Datasheet HTML 144Page - Renesas Technology Corp DA6021 Datasheet HTML 145Page - Renesas Technology Corp DA6021 Datasheet HTML 146Page - Renesas Technology Corp DA6021 Datasheet HTML 147Page - Renesas Technology Corp DA6021 Datasheet HTML 148Page - Renesas Technology Corp DA6021 Datasheet HTML 149Page - Renesas Technology Corp DA6021 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
146 of 224
www.dialog-semiconductor.com
Result register
15.3.4
Each channel has an individual 10 bit result register. Each result of an automatic, internal or manual
measurement will simply be stored into the according result register after end of conversion no matter where the
measurement is initiated from. So always the newest value is represented in the result register. All result
registers are split to two register addresses with 2 bit MSB and 8 bit LSB.
In case a LBUS read access appears on one of the 2 result register addresses of a channel, MSBs and LSBs of
result register of that channel will be locked for internal accesses from the ADC. So no result will be written to
these registers in this case. The sequencer will not be interrupted. All other ADC results of that channel will be
lost if a register is locked and a result is due to be stored. Since the result of a manual measurement cannot be
stored in case the result register of this channel is locked, no interrupt will be generated and the manual request
register will not be cleared. This channel will be measured until the result register can be accessed.
If another LBUS read access is detected on this or another register, the result register will be unlocked again. All
locks will be cleared when entering SOC_G3.
CH0: Battery Pack Voltage
15.3.5
The Battery Pack Voltage measurement requires the preamplifier to be turned on with a gain of 0.5.
Battery Pack Voltages is internally measured every 4s in all active and standby states S4-S0.
CH1: Battery ID resistance
15.3.6
The Battery ID resistance measurement requires the Voltage Reference VREFB to be turned on at least 1ms
before a measurement is initiated. Instead of the Voltage Reference a Current Source ISRCB can be used. This
is selected by bit CALIB.ISRC_ENA
CH2: Die Temperature
15.3.7
The DA6021 die temperature thermistor has an alert event register EPMICALRT that flag an interrupt when the
according temperature threshold PMICALRT is exceeded. In case temperature exceeds one of the thresholds,
the status register SPMICALRT and the event register EPMICALRT are set and an Interrupt is generated to the
SOC. A hysteresis is implemented for this event, so the status is cleared and another event is generated when
the temperature falls below the PMICALRT + PMICHYS threshold.
Note, high temperature means low ADC result values.
CH3-4: Battery Pack Temperature
15.3.8
A critical event is implemented with an upper and a lower threshold defined in THRMBATCRIT registers. In case
temperature exceeds one of the thresholds, the charger is turned off, the status register SBATCTRITALRT and
the event register EBATCTRITALRT are set and an Interrupt is generated to the SOC. The status register is
cleared when the over-temperature condition is not given any longer. Since there is no hysteresis register for this
measurement threshold, three consecutive measurements need to be in the normal range to clear the
over/under temp status.
Charging is only allowed between the HOT and COLD thresholds.
Each of the battery temperature thermistors BAT0 and BAT1 has its own alert event register EBATxALRT that
flag an interrupt when the according temperature threshold BATxALRT-missing in Intel requirement spec is
exceeded. In case temperature exceeds one of the thresholds, the status register SBATxALRT and the event
register EBATxALRT are set and an Interrupt is generated to the SOC. A hysteresis is implemented for this
event, so the status is cleared and another event is generated when the temperature falls below the BATxALRT
+ BATxHYS threshold.
Note, high temperature means low ADC result values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com