Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 143Page - Renesas Technology Corp DA6021 Datasheet HTML 144Page - Renesas Technology Corp DA6021 Datasheet HTML 145Page - Renesas Technology Corp DA6021 Datasheet HTML 146Page - Renesas Technology Corp DA6021 Datasheet HTML 147Page - Renesas Technology Corp DA6021 Datasheet HTML 148Page - Renesas Technology Corp DA6021 Datasheet HTML 149Page - Renesas Technology Corp DA6021 Datasheet HTML 150Page - Renesas Technology Corp DA6021 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
147 of 224
www.dialog-semiconductor.com
CH5-7: System Temperature Thermistor
15.3.9
Each of the system temperature thermistors SYS0, SYS1 and SYS2 has its own alert event register
ESYSxALRT that flag an interrupt when the according temperature threshold SYSxALRT is exceeded. In case
temperature exceeds one of the thresholds, the status register SSYSxALRT and the event register ESYSxALRT
are set and an Interrupt is generated to the SOC. A hysteresis is implemented for this event, so the status is
cleared and another event is generated when the temperature falls below the SYSxALRT + SYSxHYS threshold.
Note, high temperature means low ADC result values.
CH8-12: VR Current Measurement
15.3.10
DA6021 is capable to monitor the output current of the VCC, VNN, V1P0A, V1P05S and VDDQ buck regulator.
The results are stored in the corresponding result registers.
Usually the current of the buck regulators is monitored when the system is in S0 state. The current is averaged
and measured per default every 1ms. The control register described below provides flexibility for user
enable/disable and program the average time constant.
Register Name
VRIMONCTL
Address
0x71
Page 1
Read
Reset Value
0x03
MSB
LSB
R
R
R
R
R
R
R
R
reserved
VRIFRQS
VRIFRQA
VRIEN
VRIEN
0
1
Enable ADC based current monitor timer
VRIFRQA
00
01
10
11
Specifies the time constant at which the current measurements are
initiated while system is in S0 mode
0.5ms
1ms
2ms
4ms
VRIFRQS
00
01
10
11
Specifies the time constant at which system temperature
measurements are initiated while system is in S0iX mode
Disable
1ms
4ms
8ms
CH8: VSYS Voltage Measurements
15.3.11
The System Voltage measure requires the preamplifier to be turned on with a gain of 0.8
System Voltages is internally measured every 128us in active states S0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com