Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 140Page - Renesas Technology Corp DA6021 Datasheet HTML 141Page - Renesas Technology Corp DA6021 Datasheet HTML 142Page - Renesas Technology Corp DA6021 Datasheet HTML 143Page - Renesas Technology Corp DA6021 Datasheet HTML 144Page - Renesas Technology Corp DA6021 Datasheet HTML 145Page - Renesas Technology Corp DA6021 Datasheet HTML 146Page - Renesas Technology Corp DA6021 Datasheet HTML 147Page - Renesas Technology Corp DA6021 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
144 of 224
www.dialog-semiconductor.com
SYSTHERM0
0
1
Conversion request for SYSTHERM0
complete, clear by writing “1”
SYSTHERM1
0
1
Conversion request for SYSTHERM1
complete, clear by writing “1”
SYSTHERM2
0
1
Conversion request for SYSTHERM2
complete, clear by writing “1”
Register Name
ADCIRQ1
Address
0x09
Page 1
Read/Write
Reset Value
0x00
MSB
LSB
R
R
R/W
R/W
R/W
R/W
R/W
R/W
reserved
VSYS
IVDDQ
IV1P05S
IV1P0A
IVNN
IVCC
IVCC
0
1
Conversion request for IVCC
complete, clear by writing “1”
IVNN
0
1
Conversion request for IVNN
complete, clear by writing “1”
IV1P0A
0
1
Conversion request for IV1P0A
complete, clear by writing “1”
IV1P05S
0
1
Conversion request for V1P05S
complete, clear by writing “1”
IVDDQ
0
1
Conversion request for VDDQ
complete, clear by writing “1”
VSYS
0
1
Conversion request for VSYS
complete, clear by writing “1”
Register Name
MADCIRQ0
Address
0x15
Page 1
Read/Write
Reset Value
0xFF
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SYS
THERM2
SYS
THERM1
SYS
THERM0
BP
THERM1
BP
THERM0
PMIC
TEMP
BATID
VBAT
VBAT
0
1
mask channel 0 event
BATID
0
1
mask channel 1 event
PMICTEMP
0
1
mask channel 2 event
BPTHERM0
0
1
mask channel 3 event
BPTHERM1
0
1
mask channel 4 event
SYSTHERM0
0
1
mask channel 5 event
SYSTHERM1
0
1
mask channel 6 event
SYSTHERM2
0
1
mask channel 7 event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com