Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 171Page - Renesas Technology Corp DA6021 Datasheet HTML 172Page - Renesas Technology Corp DA6021 Datasheet HTML 173Page - Renesas Technology Corp DA6021 Datasheet HTML 174Page - Renesas Technology Corp DA6021 Datasheet HTML 175Page - Renesas Technology Corp DA6021 Datasheet HTML 176Page - Renesas Technology Corp DA6021 Datasheet HTML 177Page - Renesas Technology Corp DA6021 Datasheet HTML 178Page - Renesas Technology Corp DA6021 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
175 of 224
www.dialog-semiconductor.com
Register Name
PMICTHERMAL3
Address
0xB2
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ALERT1LSB
ALERT1LSB [7:0]
0..255
Register Name
PMICTHERMCRIT
Address
0xB3
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TCRIT
TCRIT [8:1]
0..255
Note that TCRIT[9] and TCRIT[0] are always 0
When in register TS_ENABLE the corresponding thermistor bit as well as the corresponding A0PEN bit
asserted, any crossover of ALERT0 will assert PROCHOT_B. Any cross down below ALERT0_HYST must
remove the related warning and de-assert PROCHOT_B if there are no other warnings.
A0_ST and A1_ST are always set if:
temp > ALERTX or
temp < (ALERTX
– ALERTX_HYST) with X=0 or 1.
Setting A0_ST or A1_ST will generate an interrupt for the processor
Alert warnings concurrently assert the PROCHOT_B. The processor must investigate this and act to optimize
power consumption to control the temperature until the sensed voltage is at the correct level. Assertion should
hold until all the warnings are cleared.
Critical Thermal Events
16.4
Unlike alerts, which are pre-emptive warnin
gs, ―critical thermal events occur when the system or battery
pack(s) or DA6021 die temperature exceed design thresholds, immediate action must be taken to resolve this
thermal issue.
System Temperature
16.4.1
The system temperature exceeds the critical thermal limit set for the SYSTEMP0-2, and critical temperature shut
down is enabled (CRITEN=1), the following actions are taken:
If enabled, DA6021 forces the immediate shutdown of all VR rails currently in regulation, returning
DA6021 to the SOC G3 state without depending on the assertion of SLP_S*_B signals from the
SOC.
DA6021 sets the RSYSTEMP bit in the RESETSRC0 register to indicate the reason for shutdown.
DA6021 sets SYS*CRIT in THRMIRQ1 to interrupt the SOC. However, the SOC may not have time
to respond before the system is shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com