Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 172Page - Renesas Technology Corp DA6021 Datasheet HTML 173Page - Renesas Technology Corp DA6021 Datasheet HTML 174Page - Renesas Technology Corp DA6021 Datasheet HTML 175Page - Renesas Technology Corp DA6021 Datasheet HTML 176Page - Renesas Technology Corp DA6021 Datasheet HTML 177Page - Renesas Technology Corp DA6021 Datasheet HTML 178Page - Renesas Technology Corp DA6021 Datasheet HTML 179Page - Renesas Technology Corp DA6021 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
176 of 224
www.dialog-semiconductor.com
The system temperature exceeds the critical thermal limit set for the SYSTEMP0-2, and critical
temperature shut down is not enabled (CRIT_EN=0), the following actions are taken:
DA6021 sets SYS*CRIT in THRMIRQ1 to interrupt the SOC.
In response to the IRQ, the SOC should check CRIT_ST in SYS*_THRM_RSH to see if the system
critical over/under temperature condition still exists
When the battery critical over/under temperature event resolves (system thermistor voltages are
back within defined voltage ranges), the SOC clears the SYS*CRIT interrupt.
Battery Critical Temperature
16.4.2
While the temperature threshold registers define the boundaries between different operating temperature alert
levels, the absolute ends of the battery operating temperature are monitored/enforced by two voltage
comparators (one per battery thermistor), comparing these voltages against programmable thresholds which, for
a particular thermistor curve, specify the minimum and maximum battery temperatures.
These ―critical temperature‖ comparators monitor the same thermistor voltages as the ADC channels for the
primary and/or secondary battery. These values (TCRIT_HIGH and TCRIT_LOW) have default values defined.
If the voltage on one or both battery temperature pins falls outside of the TCRIT_HIGH and TCRIT_LOW
thresholds, and critical temperature shut down is enabled (CRIT_EN=1), the following actions are taken:
DA6021 forces the immediate shutdown of all VR rails currently in regulation, returning DA6021 to
the SOC G3 state without depending on the assertion of SLP_S*_B signals from the SOC.
DA6021 sets the RBATTEMP bit in the RESETSRC0 register to indicate the reason for shutdown.
DA6021 sets BATCRIT in THRMIRQ2 to interrupt the SOC. However, the SOC may not have time
to respond before the system is shut down.
If the voltage on one or both battery temperature pins falls outside of the TCRIT_HIGH and TCRIT_LOW
thresholds, and critical temperature shut down is not enabled (CRIT_EN=0), the following actions
are taken:
DA6021 sets BAT*CRIT in THRMIRQ to interrupt the SOC.
In response to the IRQ, the SOC should check CRIT_ST in BAT*_THRM_RSH to see if the battery
critical over/under temperature condition still exists
When the battery critical over/under temperature event resolves (battery thermistor voltages are
back within defined voltage ranges), the SOC clears the BAT*CRIT interrupt.
This protection feature is disabled if the battery is detected to be not present (SBATDET). In order to avoid
spurious tripping of this condition upon battery removal, a 200ms de-bounce is required. If, in that 200ms
window, the battery presence detection logic determines the battery was removed, the thermal event de-bounce
counter ends and no action is taken.
DA6021 die Temperature
16.4.3
DA6021 die temperature monitor exceeds the hard-coded critical thermal limit for the device:
A hardware comparator circuit forces the immediate shutdown of all VR rails currently in regulation,
returning DA6021 to the SOC G3 state without depending on the assertion of SLP_S*_B signals
from the SOC.
DA6021 sets the RPMICTEMP bit in the RESETSRC0 register to indicate the reason for shutdown.
However the ADC will also monitor the DA6021 temperature and have similar critical temperature handling
procedure to that outlined above for the system and battery critical temperature events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com