Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 176Page - Renesas Technology Corp DA6021 Datasheet HTML 177Page - Renesas Technology Corp DA6021 Datasheet HTML 178Page - Renesas Technology Corp DA6021 Datasheet HTML 179Page - Renesas Technology Corp DA6021 Datasheet HTML 180Page - Renesas Technology Corp DA6021 Datasheet HTML 181Page - Renesas Technology Corp DA6021 Datasheet HTML 182Page - Renesas Technology Corp DA6021 Datasheet HTML 183Page - Renesas Technology Corp DA6021 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
180 of 224
www.dialog-semiconductor.com
DIR
GPIO Configuration
0
0
Input Analog
0
1
Input Digital
1
0
Output Open-Drain
1
1
Output CMOS
Table 104: GPIO Direction Configuration
PULL_EN
PULL_DIR
PULL_LVL
GPIO Configuration
0
X
X
No pull-up / pull-down
1
0
0
2-KOhm pull-down
0
1
50-KOhm pull-down
1
0
2-KOhm pull-up
1
1
50-KOhm pull-up
Table 105: GPIO Pull-up/Pull-down Configuration
GPIO Digital Features
17.3
De-Bouncing
17.3.1
When a GPIO is used as a digital input, a 32ms de-bounce circuit can be assigned to the input path. The input
signal should be stable for the de-bounce time before the de-bounce circuit flags the output. If GPIOx_DEB is
set, de-bouncing is enabled. All pads share the same de-bounce time setting. High and low pulses that are
shorter than 32ms +/- 4ms are filtered out. To reduce power consumption, a 3 bit counter running with the 4ms
tick is used to generate the de-bounce functionality.
Status Register
17.3.2
The GPIO status is synchronized, de-bounced and can be read back from the GPIOx_CTLI[0] read-only register.
Interrupt Functionality
17.3.3
In addition to the status information, the SOC can configure a GPIO to flag an edge sensitive interrupt on a state
change of the GPIO PAD cell. Interrupts can be generated on rising and/or falling edges of GPIO inputs.
DA6021 provides includes an internal interrupt interface collecting all events from various modules to generate
the interrupt signal to the SOC. The interrupt options are defined in GPIOx_IRQCFG register.
Analogue Mode
17.4
In case the GPIOx_DIR register is set to 0x0, the PAD is used as analogue PAD and is disconnected from the
digital. In this case the input (analogue input) will be feeding some analogue circuitry.
Alternative Functions
17.5
GPIOs also enable the use of alternative functions In order to use these GPIO need to be configured first. This
consists of setting the GPIPO as input or output and then, selecting the mapping functionality to select which
particular GPIO a certain alternate function should be related.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com