Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 178Page - Renesas Technology Corp DA6021 Datasheet HTML 179Page - Renesas Technology Corp DA6021 Datasheet HTML 180Page - Renesas Technology Corp DA6021 Datasheet HTML 181Page - Renesas Technology Corp DA6021 Datasheet HTML 182Page - Renesas Technology Corp DA6021 Datasheet HTML 183Page - Renesas Technology Corp DA6021 Datasheet HTML 184Page - Renesas Technology Corp DA6021 Datasheet HTML 185Page - Renesas Technology Corp DA6021 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
182 of 224
www.dialog-semiconductor.com
Electrical Characteristics
17.8
Parameter
Min
Nom
Max
Units
Notes
Val
Voltage (VDD)
1.71
1.8
1.89
V
At pin
-
Vil
0.35*VDD
V
A
Vih
0.65*VDD
V
A
Vhys
0.1
V
D,E
Vol
0.45
V
Imax 8mA
A
Voh
VDD-0.45
V
Imax 4mA
A
Trise
10
45
ns
D,E
Tfall
10
45
ns
D,E
Tr/Tf
10
90
%
Measurement
Points
D,E
Cload
150
pF
-
Rpu/Rpd50
-30%
50
30%
k
Ω
Programmable
A
Rpu2/Rpd2
-30%
2
30%
k
Ω
Programmable
A
Table 106: GPIO 1.8V Electrical Specification
Parameter
Min
Nom
Max
Units
Notes
Val
Voltage (VDD)
3.135
3.3
3.465
V
At pin
-
Vil
0.35*VDD
V
A
Vih
0.65*VDD
V
A
Vhys
0.1
V
D,E
Vol
0.45
V
Imax 8mA
A
Voh
VDD-0.45
V
Imax 4mA
A
Trise
18
75
ns
D,E
Tfall
18
75
ns
D,E
Tr/Tf
10
90
%
Measurement
Points
D,E
Cload
150
pF
-
Rpu/Rpd50
-30%
50
30%
k
Ω
Programmable
A
Rpu2/Rpd2
-30%
2
30%
k
Ω
Programmable
A
Table 107: GPIO 3.3V Electrical Specification
GPIO Registers
17.9
Register Name
GPIO0P0..7CTL0
Address
0x2B..0x32
Page 1
Read/Write
Reset Value 0x14
MSB
LSB
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
reserved
ALT
DIR
DRV
PULL_EN
PULL_LVL
PULL_DIR
DOUT
DOUT
0
1
Low output
High output (CMOS or high-Z OD)
PULL_DIR
0
1
Pull down
Pull up
PULL_LVL
0
1
2kΩ
50kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com