Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 180Page - Renesas Technology Corp DA6021 Datasheet HTML 181Page - Renesas Technology Corp DA6021 Datasheet HTML 182Page - Renesas Technology Corp DA6021 Datasheet HTML 183Page - Renesas Technology Corp DA6021 Datasheet HTML 184Page - Renesas Technology Corp DA6021 Datasheet HTML 185Page - Renesas Technology Corp DA6021 Datasheet HTML 186Page - Renesas Technology Corp DA6021 Datasheet HTML 187Page - Renesas Technology Corp DA6021 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
184 of 224
www.dialog-semiconductor.com
Register Name
GPIO1P0..7CTLI
Address
0x43..0x4A
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R
R/W
R/W
R/W
R/W
R
reserved
POL
DEB
IRQCFG
DIN
DIN
0
1
Input status low
Input status high
IRQCFG
00
01
10
11
Interrupt detection on
Disable
Negative edge
Positive edge
Both edges
DEB
0
1
30ms de-bounce filter
Off
On
POL
0
1
Input polarity:
Not inverted
inverted
Register Name
GPIOIRQ0
Address
0x0B
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
GPIO0P7_
IRQ
GPIO0P6_
IRQ
GPIO0P5_
IRQ
GPIO0P4_
IRQ
GPIO0P3_
IRQ
GPIO0P2_
IRQ
GPIO0P1_
IRQ
GPIO0P0_
IRQ
GPIO0P0_IRQ
0
1
No pending Interrupt
Interrupt pending
GPIO0P1_IRQ
0
1
No pending Interrupt
Interrupt pending
GPIO0P2_IRQ
0
1
No pending Interrupt
Interrupt pending
GPIO0P3_IRQ
0
1
No pending Interrupt
Interrupt pending
GPIO0P4_IRQ
0
1
No pending Interrupt
Interrupt pending
GPIO0P5_IRQ
0
1
No pending Interrupt
Interrupt pending
GPIO0P6_IRQ
0
1
No pending Interrupt
Interrupt pending
GPIO0P7_IRQ
0
1
No pending Interrupt
Interrupt pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com