Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 184Page - Renesas Technology Corp DA6021 Datasheet HTML 185Page - Renesas Technology Corp DA6021 Datasheet HTML 186Page - Renesas Technology Corp DA6021 Datasheet HTML 187Page - Renesas Technology Corp DA6021 Datasheet HTML 188Page - Renesas Technology Corp DA6021 Datasheet HTML 189Page - Renesas Technology Corp DA6021 Datasheet HTML 190Page - Renesas Technology Corp DA6021 Datasheet HTML 191Page - Renesas Technology Corp DA6021 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
188 of 224
www.dialog-semiconductor.com
18. External Battery Charger Control
Overview
18.1
In order to determine the appropriate input current limit for the charger during certain scenarios, the CHGDET_B
pin is asserted or de-asserted by the USB PHY on the platform depending on output current capability of the
USB charger detected.
ILIM0 and ILIM1 pins of DA6021 will output signals to the charger to set the charger input current limit. The
external charger is capable of interrupt which will be forwarded to the SoC via DA6021. This interrupt will come
from the CHGRINT_B pin. During charging the battery temperature will be monitored.
Charger Current Limit
18.2
The external charger input current limits are set according to the table below
CHRDET_B
ILIM1
ILIM0
Power source
Input current limit
1
0
0
USB DCP
More than 100mA, usually 1.5A
1
0
1
USB SDP
100mA
1
1
1
USB SDP
500mA
x
1
0
AC/DC adapter
Customer specific, limited by max
charger output current
Table 108: External Charger Current Limits
The AC/DC adapter usually takes priority over the USB charger as input power to the external battery charger.
However, DA6021 detects the AC/DC adapter by monitoring VDCIN_SENSE. DA6021 changes ILIM0 and ILIM1
level immediately VDCIN_SENSE fall below the internal voltage reference threshold to inform the external
charger to lower its current limit at the removal of AC/DC adapter.
External Charger Control Signals
18.3
DA6021 has the following I/O pins to interface with a discrete charger and USB PHY.
Name
Dir
Voltage
Signal Description
CHGRINT_B
I
VSYS
Battery charging status and fault interrupt from
charger IC, active low.
Internal 10kOhm pull-up to VSYS.
0=interrupt, asserted with a minimum pulse
width of 200µs
ILIM[1:0]
O
VSYS
External charger input current limits
CHGDET_B
I
VUSBPHY
USB DCP detection. Asserted by USBPHY
when it detected a charger that can source
more than 100mA
Internal 100kOhm pull-up to VSYS
1=SDP detected
0=DCP or CDP/ACA
Table 109: Charger Control Pins
The external battery charger interrupt is routed through DA6021 via CHGRINT_B pin. It alerts the SOC of an
interrupt by the CHGRIRQ register in which bit D0 is set at the falling edge of CHGRINT_B if not masked. The
interrupt mask registers allow external battery charger interrupt to be masked. There are two sets of interrupt
mask registers to offer the flexibility to selectively mask the interrupt in S0 state (MCHGRIRQS0) or in sleep
(S0IX, S3, S4) states (MPCHGRIRQSX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com