Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 186Page - Renesas Technology Corp DA6021 Datasheet HTML 187Page - Renesas Technology Corp DA6021 Datasheet HTML 188Page - Renesas Technology Corp DA6021 Datasheet HTML 189Page - Renesas Technology Corp DA6021 Datasheet HTML 190Page - Renesas Technology Corp DA6021 Datasheet HTML 191Page - Renesas Technology Corp DA6021 Datasheet HTML 192Page - Renesas Technology Corp DA6021 Datasheet HTML 193Page - Renesas Technology Corp DA6021 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
190 of 224
www.dialog-semiconductor.com
19. Interrupt Controller
Overview
19.1
The interrupt control unit maintains the state of the First Level IRQ tree and is responsible for asserting and de-
asserting the DA6021’s IRQ to the application SoC. It contains status bits for interrupts from all the second-level
sub-blocks. If unmasked, the second-level interrupts will propagate to the appropriate first-level interrupt bit, as
assigned below. If the first-level interrupt is unmasked, it will propagate to the IRQ pin, which will remain high as
long as unmasked interrupts have not been cleared.
First Level Interrupt
19.2
DA6021 interrupt signal IRQ signal is connected to a GPIO of the SoC indicating DA6021 unmasked events to
be investigated by the SOC while reading the IRQ status registers via I2C.
The DA6021 interrupt scheme contains two levels. The first-level interrupt register contains 6 IRQ bits, and
indicates which PMIC sub-block triggered the interrupt. One bit is dedicated to each of the interrupt-causing
DA6021 sub-blocks. For all units, the second-level interrupt registers indicate the specific interrupt triggers for
each sub-block. A masking system is provided to enable or disable specific interrupt handlers.
If any bits are set in the first-level IRQ mask, the assertion of an interrupt from the masked sub-block(s) will not
cause an assertion of the IRQ signal, nor will it set the first-level IRQ bit. By limiting the first-level IRQ bits set to
only those that are unmasked; this disambiguates the dispatching of interrupts.
First-Level IRQ bits may not be directly cleared; they are cleared by clearing all unmasked second-level IRQ bits,
and then are implicitly cleared.
When all unmasked first-level IRQ bits are implicitly cleared (all unmasked second-level interrupts directly
cleared), the IRQ pin is de-asserted.
Figure 70: 1st Level Interrupts
Second Level Interrupt
19.3
While First-Level Interrupt bits inform the interrupt handler of which sub-block interrupted, second-level interrupt
r
egisters/bits provide the interrupt handler with the specific nature of the block‘s interrupt event.
If any bits are set in a second-level interrupt mask, then the appropriate second level interrupt bit is prevented
from asserting the first level interrupt bit for the corresponding sub-block, nor will the bit become set. (Only
unmasked 2nd level interrupt bits may be set).
LVL1 IRQ Register
LVL1 IRQ Mask Register
IRQ
LVL2 IRQ Mask Register
LVL2 IRQ Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com