Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 175Page - Renesas Technology Corp DA6021 Datasheet HTML 176Page - Renesas Technology Corp DA6021 Datasheet HTML 177Page - Renesas Technology Corp DA6021 Datasheet HTML 178Page - Renesas Technology Corp DA6021 Datasheet HTML 179Page - Renesas Technology Corp DA6021 Datasheet HTML 180Page - Renesas Technology Corp DA6021 Datasheet HTML 181Page - Renesas Technology Corp DA6021 Datasheet HTML 182Page - Renesas Technology Corp DA6021 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
179 of 224
www.dialog-semiconductor.com
17. General Purpose IOs
Overview
17.1
DA6021 provides 16 GPIO pins for general purpose IOs under the control of the SoC. The majority of these
GPIO pins have a default configuration as CMOS inputs with weak (50 KOhm) pull downs enabled. The GPIO
buffers support operation as open-drain or push pull outputs. They are split into 2 groups, each with a different
fixed supply:
GPIO0P0
– GPIO0P7 support a level of 1.8V
GPIO1P0
– GPIO1P7 support 3.3V
Following are the supported feature from the digital GPIO IP:
CMOS or Open Drain output and input configuration
2k-ohm or 50k-ohm pull-up or pull-down resistance
Read back of output PAD values
Output Level select by register
Digital glitch filter of 62µs
Digital filter (de-bouncer, typically 32ms) with programmable bypass
Interrupt and interrupt mask functionality.
Polarity selection (default active high)
Analog/Digital Input
Alternate input/output functionality.
Note: for the implementation of the GPIO core functionality is useful to know that the register file will not be part
of the IP, same is for the logic which controls the mapping of the alternate functions.
Analog Block, Control & Data Signals
17.2
Figure 69 : GPIO Block Diagram
As is shown from the above picture (analog block as black box) there are 5 signals which controls the analog
behavior of the GPIO pin. Note that EN is generated from the analog pad block itself.
The following tables show the coding for configuring the GPIO pads.
GPIO
ANALOG
DIR [1:0]
PULL[EN, DIR, LVL]
DOUT
PAD
DIN
EN
To ANA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com