Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 101 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 101 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 97Page - PMC-Sierra, Inc PM73121 Datasheet HTML 98Page - PMC-Sierra, Inc PM73121 Datasheet HTML 99Page - PMC-Sierra, Inc PM73121 Datasheet HTML 100Page - PMC-Sierra, Inc PM73121 Datasheet HTML 101Page - PMC-Sierra, Inc PM73121 Datasheet HTML 102Page - PMC-Sierra, Inc PM73121 Datasheet HTML 103Page - PMC-Sierra, Inc PM73121 Datasheet HTML 104Page - PMC-Sierra, Inc PM73121 Datasheet HTML 105Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

4.3.2
Memory Interface Signals
4.3.3
T1/E1 Interface Signals
Table 7.
Memory Interface Signals
Signal
Pin #
Type*
Reset
Value*
Description
MEM_DATA(15:10)
MEM_DATA(9:4)
MEM_DATA(3:0)
235-230
228-223
221-218
Bi
Z
Memory Data Bits 15 to 0 form the 16-bit wide data bus to external
memory.
MEM_ADDR(16:15)
MEM_ADDR(14)
MEM_ADDR(13:8)
MEM_ADDR(7:0)
215-214
211
208-203
201-194
Out
Z
Memory Address Data Bits 16 to 0 form the 17-bit wide address bus
to external memory. Pulled up with an internal resistor.
/MEM_OE
191
Out
1
Memory Output Enable is an active low signal that enables the
SRAM to drive data. Maximum output current (IMAX) = 8 mA.
/MEM_WE(0)
188
Out
1
Memory Write Enable Zero is an active low signal for the low-byte
write. Maximum output current (I
MAX) = 8 mA.
/MEM_WE(1)
190
Out
1
Memory Write Enable One is an active low signal for the high-byte
write. Maximum output current (I
MAX) = 8 mA.
/MEM_CS
192
Out
1
Memory Chip Select is an active low chip-select signal for external
memory. Maximum output current (I
MAX) = 8 mA.
*Present when /RESET is asserted and SYS_CLK is being clocked.
Table 8.
T1/E1 Interface Signals
Signals
Pin #
Type
Reset
Value*
Description
TL_FSYNC(7)
TL_FSYNC(6)
TL_FSYNC(5)
TL_FSYNC(4)
TL_FSYNC(3)
TL_FSYNC(2)
TL_FSYNC(1)
TL_FSYNC(0)
155
142
130
114
102
83
71
52
In
NA
Transmit Line Frame Synchronization Bits 7 to 0 are the
transmit frame synchronization indications from the framer
devices in SDF-MF and SDF-FR modes. The lines originate
from the corresponding framer devices 0 to 7.
TL_CLK(7)
TL_CLK(6)
TL_CLK(5)
TL_CLK(4)
TL_CLK(3)
TL_CLK(2)
TL_CLK(1)
TL_CLK(0)
156
143
131
115
103
84
72
54
Bi
NA*
Transmit Line Channel Clock Bits 7 to 0 are the clock lines for
the eight T1/E1 lines. The bits clock the data from the
AAL1gator II to the corresponding framer devices. In the
UDF-HS mode, only line 0 is active. Depending on the value of
TLCLK_OUTPUT_EN and the CLK_SOURCE bits, these pins
are either outputs or inputs. If TLCLK_OUTPUT_EN is high,
these pins are outputs and the clock is sourced internally at
power up. This can later be changed by the CLK_SOURCE
bits.
Maximum output current (I
MAX) = 8 mA.
* If TLCLK_OUTPUT_EN is high, the pins output the RL_CLK during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com