Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 104 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 104 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 100Page - PMC-Sierra, Inc PM73121 Datasheet HTML 101Page - PMC-Sierra, Inc PM73121 Datasheet HTML 102Page - PMC-Sierra, Inc PM73121 Datasheet HTML 103Page - PMC-Sierra, Inc PM73121 Datasheet HTML 104Page - PMC-Sierra, Inc PM73121 Datasheet HTML 105Page - PMC-Sierra, Inc PM73121 Datasheet HTML 106Page - PMC-Sierra, Inc PM73121 Datasheet HTML 107Page - PMC-Sierra, Inc PM73121 Datasheet HTML 108Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

TLCLK_OUTPUT_EN
79
In
NA
Transmit Line Clock Output Enable controls whether or not the
TL_CLK lines are inputs or outputs between the time of
hardware reset and when the CLK_SOURCE bits are read. If
high, all TL_CLK pins are outputs. If low, all TL_CLK pins are
inputs. There is an internal pull-down resistor, so all TL_CLK
pins are inputs if the pin is not connected. The value of this
input is overwritten by the CLK_SOURCE bits in the LIN_
STR_MODE register (refer to section 7.4.3 “LIN_STR_
MODE” starting on page 126).
*Present when /RESET is asserted and SYS_CLK is being clocked.
Table 8.
T1/E1 Interface Signals (Continued)
Signals
Pin #
Type
Reset
Value*
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com