Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 103 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 103 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 99Page - PMC-Sierra, Inc PM73121 Datasheet HTML 100Page - PMC-Sierra, Inc PM73121 Datasheet HTML 101Page - PMC-Sierra, Inc PM73121 Datasheet HTML 102Page - PMC-Sierra, Inc PM73121 Datasheet HTML 103Page - PMC-Sierra, Inc PM73121 Datasheet HTML 104Page - PMC-Sierra, Inc PM73121 Datasheet HTML 105Page - PMC-Sierra, Inc PM73121 Datasheet HTML 106Page - PMC-Sierra, Inc PM73121 Datasheet HTML 107Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

RL_MSYNC(7)
RL_MSYNC(6)
RL_MSYNC(5)
RL_MSYNC(4)
RL_MSYNC(3)
RL_MSYNC(2)
RL_MSYNC(1)
RL_MSYNC(0)
160
147
135
123
107
95
76
64
In
NA
Receive Line Multiframe Synchronization Bits 7 to 0 carry the
multiframe timing information from the corresponding framer
device. These signals do not need to indicate the start of each
and every multiframe - they can occur infrequently. Each time
one of these signals has an edge to indicate the start of a
multiframe, the AAL1gator II re-aligns the multiframe
according to where the edge occurred. Tie to ground if not used.
RL_FSYNC(7)
RL_FSYNC(6)
RL_FSYNC(5)
RL_FSYNC(4)
RL_FSYNC(3)
RL_FSYNC(2)
RL_FSYNC(1)
RL_FSYNC(0)
159
146
134
118
106
94
75
63
In
NA
Receive Line Frame Synchronization Bits 7 to 0 carry the
receive frame information from the corresponding framer
devices in the SDF-MF and SDF-FR modes. The bits originate
from the corresponding framer bits.
RL_CLK(7)
RL_CLK(6)
RL_CLK(5)
RL_CLK(4)
RL_CLK(3)
RL_CLK(2)
RL_CLK(1)
RL_CLK(0)
158
145
133
117
105
86
74
58
In
NA
Receive Clock Bits 7 to 0 form an 8-bit bus. The bits originate
from the corresponding framer bits 0 to 7. In the UDF-HS
mode, only line 0 is active.
SRTS_DOUT(3:0)
35-38
Out
0
SRTS Data Out Bits 3 to 0 form the SRTS correction code when
SRTS_STRB is asserted; otherwise SRTS_DOUT bits form the
channel status and frame difference when ADAP_STRB is
asserted.
SRTS_LINE(3)
SRTS_LINE(2:0)
47
39-41
Out
0
SRTS Line Bits 3 to 0 indicate the T1/E1 line that SRTS_DOUT
corresponds to when SRTS_STRB is asserted; otherwise
SRTS_LINE bits form the adaptive state machine index when
ADAP_STRB is asserted.
SRTS_STRB
42
Out
0
SRTS Strobe indicates that an SRTS value is present on SRTS_
DOUT(3:0) and SRTS_LINE(2:0). This transfer is made
synchronous to SYS_CLK.
ADAP_STRB
43
Out
0
Adaptive Strobe indicates that the channel status and frame
difference are being played out on the SRTS_DOUT. The
nibbles are identified by the values on SRTS_LINE.
N_CLK
45
In
NA
Network Clock is the network-derived clock for SRTS.
Table 8.
T1/E1 Interface Signals (Continued)
Signals
Pin #
Type
Reset
Value*
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com